| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C5C5EDELTA-RM/D bảng dữ liệu(PDF) 72 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
C5C5EDELTA-RM/D bảng dữ liệu(HTML) 72 Page - NXP Semiconductors |
|
72 / 114 page ![]() 72 CHAPTER 2: SIGNAL DESCRIPTIONS C Boundary Scan Description Language In order to simplify board test, Motorola Corporation has provided a boundary scan description language (BSDL) file (c5e.bsdl) in the Motorola web site that describes the complete set of instructions, boundary scan order, and identification code value in an industry standard format. http://www.motorola.com/networkprocessors Bypass Bypass Register 1110 Bypass Bypass Register 1111 * There are two reserved instructions intended for Motorola Corporation’s internal use. These should not be programmed by users. Table 35 Instruction Register Instructions (continued) INSTRUCTION MNEMONIC SELECTED REGISTER INSTRUCTION OPCODE Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |