| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C5C5EDELTA-RM/D bảng dữ liệu(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
C5C5EDELTA-RM/D bảng dữ liệu(HTML) 20 Page - NXP Semiconductors |
|
20 / 114 page ![]() 20 CHAPTER 1: FUNCTIONAL DESCRIPTION C • Embedded RISC Executive Processor • Integrated 32bit 33/66MHz PCI bus interface Block Diagram The C-5eTM NP, has an architecture specifically designed for networking applications. The following sections describe each component of the C-5e NP. The main components of the C-5e NP are: • Channel Processors • Executive Processor • Fabric Processor • Buffer Management Unit • Table Lookup Unit • Queue Management Unit The C-5e NP conforms with both SONET and SDH. Therefore, OC-3(STS-3/STM-1), OC-12 (STS-12/STM-4, and OC48 (STS-48/STM-16). Figure 1 shows a block diagram of the C-5e NP, including its potential external interfaces. For more information about the architecture of the C-5e NP, see the C-5e/C-3e Network Processor Architecture Guide (part number C5EC3EARCH-RM/D). Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |