| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2000SERIES bảng dữ liệu(PDF) 10 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
2000SERIES bảng dữ liệu(HTML) 10 Page - Pico Technology Ltd. |
|
10 / 27 page ![]() PicoScope 2000 Series oscilloscopes Automatic measurements PicoScope allows you to automatically display a table of calculated measurements for troubleshooting and analysis. Using the built-in measurement statistics you can see the average, standard deviation, maximum and minimum of each measurement as well as the live value. You can add as many measurements as you need on each view – 18 different measurements are available in scope mode and 11 in spectrum mode. For information on these measurements, see Automatic Measurements in the Specifications table. Scope mode Spectrum mode Arbitrary waveform and function generator All PicoScope 2000 Series oscilloscopes have a built-in function generator and arbitrary waveform generator (AWG). The function generator can produce sine, square, triangle and DC level waveforms, and many more besides, while the AWG allows you to import waveforms from data files or create and modify them using the built-in graphical AWG editor. As well as level, offset and frequency controls, advanced options allow you to sweep over a range of frequencies. Combined with the advanced spectrum mode, with options including peak hold, averaging and linear/log axes, this creates a powerful tool for testing amplifier and filter responses. |