| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC705JJ7GRS/D bảng dữ liệu(PDF) 221 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705JJ7GRS/D bảng dữ liệu(HTML) 221 Page - NXP Semiconductors |
|
221 / 230 page ![]() MC68HC705JJ7/MC68HC705JP7 — Rev. 2.0 General Release Specification Mechanical Specifications General Release Specification — MC68HC705JJ7/MC68HC705JP7 Section 16. Mechanical Specifications 16.1 Contents 16.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .221 16.3 20-Pin Plastic Dual In-Line Package (Case 738) . . . . . . . . . .222 16.4 20-Pin Small Outline Integrated Circuit (Case 751D) . . . . . . .222 16.5 28-Pin Plastic Dual In-Line Package (Case 710) . . . . . . . . . .223 16.6 28-Pin Small Outline Integrated Circuit (Case 751F) . . . . . . .223 16.7 20-Pin Windowed Ceramic Integrated Circuit (Case 732) . . .224 16.8 28-Pin Windowed Ceramic Integrated Circuit (Case 733A) . .224 16.2 Introduction The MC68HC705JJ7 is available in a 20-pin plastic dual in-line package (PDIP), a small outline integrated circuit (SOIC) package, and a 20-pin windowed ceramic package. The MC68HC705JP7 is available in a 28-pin plastic dual in-line package (PDIP), a 28-pin small outline integrated circuit (SOIC) package, and a 28-pin windowed ceramic package. The following figures show the latest packages at the time of this publication. To make sure that you have the latest package specifications, contact one of the following: • Local Motorola Sales Office • Motorola Fax Back System (Mfax™) – Phone 1-602-244-6609 – EMAIL RMFAX0@email.sps.mot.com; http://sps.motorola.com/mfax/ • Worldwide Web (wwweb) home page at http://motorola.com/sps/ Follow Mfax or wwweb on-line instructions to retrieve the current mechanical specifications. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |