| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC705JJ7GRS/D bảng dữ liệu(PDF) 92 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705JJ7GRS/D bảng dữ liệu(HTML) 92 Page - NXP Semiconductors |
|
92 / 230 page ![]() Parallel Input/Output General Release Specification MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 Parallel Input/Output 7.4.7 PB5/SDO Logic The PB5/SDO pin can be used as a simple I/O port pin or be controlled by the SIOP serial interface as shown in Figure 7-10. The operations of the PB5 pin are summarized in Table 7-3. Figure 7-10. PB5/SDO Pin I/O Circuit DATA DIRECTION REGISTER B BIT DDRB5 PORT B DATA REGISTER BIT PB5 PULLDOWN REGISTER B BIT PDIB5 R R PB5 READ $0005 WRITE $0001 READ $0001 WRITE $0011 PULLDOWN DEVICE RESET WRITE $0005 SDO SERIAL ENABLE (SPE) SERIAL DATA OUT (SDO) VDD MASK OPTION REGISTER ($1FF1) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |