| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC705JB2GRS/H bảng dữ liệu(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705JB2GRS/H bảng dữ liệu(HTML) 22 Page - NXP Semiconductors |
|
22 / 128 page ![]() GENERAL RELEASE SPECIFICATION August 28, 1998 MEMORY MC68HC705JB2 2-2 REV 1.1 2.2 I/O AND CONTROL REGISTERS The I/O and Control Registers reside at locations $0000-$003F. The outline of these registers are shown in Figure 2-2. The bit assignments for each register are shown in Figure 2-3, Figure 2-4, and Figure 2-5. Reading from unimplemented bits will return unknown states, and writing to unimplemented bits will be ignored. Figure 2-2. I/O Registers Port A Data Register $0000 Port B Data Register $0001 Port A Data Direction Register $0004 Port B Data Direction Register $0005 Timer Control & Status Register $0008 Timer Counter Register $0009 Reserved $01FF unimplemented (2) unimplemented (2) unimplemented (5) unimplemented (4) IRQ Control & Status Register $000A Port A Pulldown Register $0010 Port B Pulldown/up Register $0011 $0020 to $0027 USB Endpoint0 Data Registers (8) $0028 to $002F USB Endpoint1 Data Registers (8) USB Control2 Register $0038 USB Address Register USB Interrupt0 Register $0039 $003A USB Interrupt1 Register $003B USB Control0 Register $003C USB Control1 Register $003D USB Status Register EPROM Program Control Register $0012 to Timer1 Registers (10) $003E $001B $0037 Mask Option Register $003F Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |