| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HC705JB2GRS/H bảng dữ liệu(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705JB2GRS/H bảng dữ liệu(HTML) 21 Page - NXP Semiconductors |
|
21 / 128 page ![]() August 28, 1998 GENERAL RELEASE SPECIFICATION MEMORY REV 1.1 2-1 SECTION 2 MEMORY 2.1 MEMORY MAP The MC68HC705JB2 has an 8-Kbyte memory map consisting of user EPROM, RAM, burn-in ROM, and input/output (I/O), as shown in Figure 2-1. Figure 2-1. MC68HC705JB2 Memory Map unimplemented 64 Bytes 5632 1535 8191 7679 User RAM 128 Bytes Reset Vector (Low Byte) Reset Vector (High Byte) SWI Vector (Low Byte) SWI Vector (High Byte) IRQ Vector (Low Byte) IRQ Vector (High Byte) USB Vector (Low Byte) USB Vector (High Byte) $1FF7 $1FF8 $1FF9 $1FFA $1FFB $1FFC $1FFD $1FFE $1FFF $003F $0000 $00FF 0255 I/O 64 Bytes 0064 0063 0000 $1FFF $1FEF $1600 $05FF $0080 $007F $0040 $003F $0000 User EPROM 2048 Bytes I/O Registers Total 64 bytes (see Figure 2-2) 0128 0127 unimplemented 5276 Bytes $1FF6 $1FF3 $1FF4 $1FF5 $1FF2 $1FF1 $1FF0 Reserved $1DFF $1E00 7680 8175 Bootstrap ROM 496 Bytes Timer1 Vector (Low Byte) MFT Vector (Low Byte) Timer1 Vector (High Byte) MFT Vector (High Byte) Reserved Reserved Reserved MOR Register $01FF EPROM Program Control Reserved $003E $00C0 Stack unimplemented User Vectors 16 Bytes Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |