công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BLE121LR bảng dữ liệu(PDF) 8 Page - Silicon Laboratories

tên linh kiện BLE121LR
Giải thích chi tiết về linh kiện  Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the official Bluetooth SIG nomenclature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE121LR bảng dữ liệu(HTML) 8 Page - Silicon Laboratories

Back Button BLE121LR Datasheet HTML 4Page - Silicon Laboratories BLE121LR Datasheet HTML 5Page - Silicon Laboratories BLE121LR Datasheet HTML 6Page - Silicon Laboratories BLE121LR Datasheet HTML 7Page - Silicon Laboratories BLE121LR Datasheet HTML 8Page - Silicon Laboratories BLE121LR Datasheet HTML 9Page - Silicon Laboratories BLE121LR Datasheet HTML 10Page - Silicon Laboratories BLE121LR Datasheet HTML 11Page - Silicon Laboratories BLE121LR Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Silicon Labs
Page 8 of 35
9
P0_4
I/O
Configurable Input/Output. See Table 4:
Peripheral I/O Pin Mapping
10
P0_5
I/O
Configurable Input/Output. See Table 4:
Peripheral I/O Pin Mapping
11
P0_6
I/O
Configurable Input/Output. See Table 4:
Peripheral I/O Pin Mapping
12
P0_7
I/O
Configurable Input/Output. See Table 4:
Peripheral I/O Pin Mapping
30
P1_2
I/O
Configurable Input/Output. See Table 4:
Peripheral I/O Pin Mapping
29
P1_3
I/O
Configurable Input/Output. See Table 4:
Peripheral I/O Pin Mapping
28
P1_4
I/O
Configurable Input/Output. See Table 4:
Peripheral I/O Pin Mapping
27
P1_5
I/O
Configurable Input/Output. See Table 4:
Peripheral I/O Pin Mapping
17
P1_6
I/O
Configurable Input/Output. See Table 4:
Peripheral I/O Pin Mapping
19
P2_0
I/O
Configurable Input/Output. See Table 4:
Peripheral I/O Pin Mapping
20
P2_1
I/O
Configurable Input/Output. See Table 4:
Peripheral I/O Pin Mapping
21
P2_2
I/O
Configurable Input/Output. See Table 4:
Peripheral I/O Pin Mapping
Table 2: Configurable I/O Terminals
Pin Number
Pin Name
Pad Type
Description
24
SCL
I2C clock
25
SDA
I2C data
18
DCDC_CNTRL
Output
On / by-pass control for an external
DCDC converter
Table 3: Non-configurable Terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35