công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VLS252012CX-1R5M bảng dữ liệu(PDF) 36 Page - Microchip Technology

tên linh kiện VLS252012CX-1R5M
Giải thích chi tiết về linh kiện  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VLS252012CX-1R5M bảng dữ liệu(HTML) 36 Page - Microchip Technology

Back Button VLS252012CX-1R5M Datasheet HTML 32Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 33Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 34Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 35Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 36Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 37Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 38Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 39Page - Microchip Technology VLS252012CX-1R5M Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
MCP16501
DS20006388A-page 36
 2020 Microchip Technology Inc.
B
A
0.15 C
0.15 C
0.10
C A B
0.05
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
1
2
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Microchip Technology Drawing C04-21387 Rev A Sheet 1 of 2
2X
24X
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
24-Lead Very Thin Plastic Quad Flat, No Lead Package (RMB) - 4x4 mm Body [VQFN]
Atmel Legacy Global Package Code ZZP
E
E
D2
E2
e
e/2
L
K 0.25
24X b
A1
(A3)
A
1
2
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44