công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPX3940AM3-2.5/ bảng dữ liệu(PDF) 10 Page - Sipex Corporation

tên linh kiện SPX3940AM3-2.5/
Giải thích chi tiết về linh kiện  1A Low Dropout Voltage Regulator Fixed Output, Fast Response
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIPEX [Sipex Corporation]
Trang chủ  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX3940AM3-2.5/ bảng dữ liệu(HTML) 10 Page - Sipex Corporation

Back Button SPX3940AM3-2.5/ Datasheet HTML 3Page - Sipex Corporation SPX3940AM3-2.5/ Datasheet HTML 4Page - Sipex Corporation SPX3940AM3-2.5/ Datasheet HTML 5Page - Sipex Corporation SPX3940AM3-2.5/ Datasheet HTML 6Page - Sipex Corporation SPX3940AM3-2.5/ Datasheet HTML 7Page - Sipex Corporation SPX3940AM3-2.5/ Datasheet HTML 8Page - Sipex Corporation SPX3940AM3-2.5/ Datasheet HTML 9Page - Sipex Corporation SPX3940AM3-2.5/ Datasheet HTML 10Page - Sipex Corporation SPX3940AM3-2.5/ Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Date: 5/25/04
SPX3940 1A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
TO-263-3 Package (T)
V
OUT
GND
V
IN
Front View
TAB=GND
12
3
Front View
TAB=GND
TO-220-3 Package (U)
V
IN
V
OUT
GND
3
2
1
13
2
SOT-223 (M3)
GND
Top View
TAB=GND
V
IN
V
OUT
PART NUMBER
ACC.
OUTPUT VOLTAGE
PACKAGE
SPX3940AU-1.8
1%
1.8V
3 lead TO-220
SPX3940AU-2.5
1%
2.5V
3 lead TO-220
SPX3940AU-3.3
1%
3.3V
3 lead TO-220
SPX3940AU-5.0
1%
5.0V
3 lead TO-220
SPX3940AT-1.8
1%
1.8V
3 lead TO-263
SPX3940AT-1.8/TR
1%
1.8V
3 lead TO-263
SPX3940AT-2.5
1%
2.5V
3 lead TO-263
SPX3940AT-2.5/TR
1%
2.5V
3 lead TO-263
SPX3940AT-3.3
1%
3.3V
3 lead TO-263
SPX3940AT-3.3/TR
1%
3.3V
3 lead TO-263
SPX3940AT-5.0
1%
5.0V
3 lead TO-263
SPX3940AT-5.0/TR
1%
5.0V
3 lead TO-263
SPX3940U-1.8
2%
1.8V
3 lead TO-220
SPX3940U-2.5
2%
2.5V
3 lead TO-220
SPX3940U-3.3
2%
3.3V
3 lead TO-220
SPX3940U-5.0
2%
5.0V
3 lead TO-220
PINOUTS
/TR = Tape and Reel
Pack quantity is 500 for TO-263 and 2,500 for SOT-23.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SPX3940AT-3.3/TR = standard; SPX3940AT-L-3.3/TR = lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com