| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8280CVVIX bảng dữ liệu(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8280CVVIX bảng dữ liệu(HTML) 40 Page - NXP Semiconductors |
|
40 / 83 page ![]() MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2 40 Freescale Semiconductor Clock Configuration Modes 1001_000 Reserved 1001_001 Reserved 1001_010 Reserved 1001_011 50.0 66.7 4 200.0 266.6 4 200.0 266.6 4 50.0 66.7 1001_100 50.0 66.7 4 200.0 266.6 4.5 225.0 300.0 4 50.0 66.7 1010_000 Reserved 1010_001 50.0 66.7 4 200.0 266.6 3 200.0 266.6 3 66.7 88.9 1010_010 50.0 66.7 4 200.0 266.6 3.5 233.3 311.1 3 66.7 88.9 1010_011 50.0 66.7 4 200.0 266.6 4 266.7 355.5 3 66.7 88.9 1010_100 50.0 66.7 4 200.0 266.6 4.5 300.0 400.0 3 66.7 88.9 1011_000 Reserved 1011_001 50.0 66.7 4 200.0 266.6 2.5 200.0 266.6 2.5 80.0 106.7 1011_010 50.0 66.7 4 200.0 266.6 3 240.0 320.0 2.5 80.0 106.7 1011_011 50.0 66.7 4 200.0 266.6 3.5 280.0 373.3 2.5 80.0 106.7 1011_100 50.0 66.7 4 200.0 266.6 4 320.0 426.6 2.5 80.0 106.7 1100_101 50.0 66.7 6 300.0 400.0 4 400.0 533.3 3 100.0 133.3 1100_110 50.0 66.7 6 300.0 400.0 4.5 450.0 599.9 3 100.0 133.3 1100_111 50.0 66.7 6 300.0 400.0 5 500.0 666.6 3 100.0 133.3 1101_000 50.0 66.7 6 300.0 400.0 5.5 550.0 733.3 3 100.0 133.3 1101_001 50.0 66.7 6 300.0 400.0 3.5 420.0 559.9 2.5 120.0 160.0 1101_010 50.0 66.7 6 300.0 400.0 4 480.0 639.9 2.5 120.0 160.0 1101_011 50.0 66.7 6 300.0 400.0 4.5 540.0 719.9 2.5 120.0 160.0 1101_100 50.0 66.7 6 300.0 400.0 5 600.0 799.9 2.5 120.0 160.0 1110_000 50.0 66.7 5 250.0 333.3 2.5 312.5 416.6 2 125.0 166.7 1110_001 50.0 66.7 5 250.0 333.3 3 375.0 500.0 2 125.0 166.7 1110_010 50.0 66.7 5 250.0 333.3 3.5 437.5 583.3 2 125.0 166.7 Table 21. Clock Configurations for PCI Agent Mode (PCI_MODCK=0)1,2 (continued) Mode3 PCI Clock (MHz) CPM Multiplication Factor4 CPM Clock (MHz) CPU Multiplication Factor5 CPU Clock (MHz) Bus Division Factor Bus Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High |