| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8280CVRFX bảng dữ liệu(PDF) 42 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8280CVRFX bảng dữ liệu(HTML) 42 Page - NXP Semiconductors |
|
42 / 83 page ![]() MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2 42 Freescale Semiconductor Clock Configuration Modes 0000_111 25.0 50.0 8 200.0 400.0 3 240.0 480.0 2.5 80.0 160.0 Full Configuration Modes 0001_001 30.0 50.0 4 120.0 200.0 5 150.0 250.0 4 30.0 50.0 0001_010 25.0 50.0 4 100.0 200.0 6 150.0 300.0 4 25.0 50.0 0001_011 25.0 50.0 4 100.0 200.0 7 175.0 350.0 4 25.0 50.0 0001_100 25.0 50.0 4 100.0 200.0 8 200.0 400.0 4 25.0 50.0 0010_001 25.0 50.0 6 150.0 300.0 3 180.0 360.0 2.5 60.0 120.0 0010_010 25.0 50.0 6 150.0 300.0 3.5 210.0 420.0 2.5 60.0 120.0 0010_011 25.0 50.0 6 150.0 300.0 4 240.0 480.0 2.5 60.0 120.0 0010_100 25.0 50.0 6 150.0 300.0 4.5 270.0 540.0 2.5 60.0 120.0 0011_000 Reserved 0011_001 37.5 50.0 4 150.0 200.0 3 150.0 200.0 3 50.0 66.7 0011_010 32.1 50.0 4 128.6 200.0 3.5 150.0 233.3 3 42.9 66.7 0011_011 28.1 50.0 4 112.5 200.0 4 150.0 266.7 3 37.5 66.7 0011_100 25.0 50.0 4 100.0 200.0 4.5 150.0 300.0 3 33.3 66.7 0100_000 Reserved 0100_001 25.0 50.0 6 150.0 300.0 3 150.0 300.0 3 50.0 100.0 0100_010 25.0 50.0 6 150.0 300.0 3.5 175.0 350.0 3 50.0 100.0 0100_011 25.0 50.0 6 150.0 300.0 4 200.0 400.0 3 50.0 100.0 0100_100 25.0 50.0 6 150.0 300.0 4.5 225.0 450.0 3 50.0 100.0 0101_000 30.0 50.0 5 150.0 250.0 2.5 150.0 250.0 2.5 60.0 100.0 0101_001 25.0 50.0 5 125.0 250.0 3 150.0 300.0 2.5 50.0 100.0 0101_010 25.0 50.0 5 125.0 250.0 3.5 175.0 350.0 2.5 50.0 100.0 0101_011 25.0 50.0 5 125.0 250.0 4 200.0 400.0 2.5 50.0 100.0 0101_100 25.0 50.0 5 125.0 250.0 4.5 225.0 450.0 2.5 50.0 100.0 0101_101 25.0 50.0 5 125.0 250.0 5 250.0 500.0 2.5 50.0 100.0 0101_110 25.0 50.0 5 125.0 250.0 5.5 275.0 550.0 2.5 50.0 100.0 Table 22. Clock Configurations for PCI Agent Mode (PCI_MODCK=1)1,2 (continued) Mode3 PCI Clock (MHz) CPM Multiplication Factor4 CPM Clock (MHz) CPU Multiplication Factor5 CPU Clock (MHz) Bus Division Factor Bus Clock (MHz) MODCK_H- MODCK[1-3] Low High Low High Low High Low High |