công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISO721 bảng dữ liệu(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ISO721
Giải thích chi tiết về linh kiện  3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ISO721 bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button ISO721 Datasheet HTML 14Page - Texas Instruments ISO721 Datasheet HTML 15Page - Texas Instruments ISO721 Datasheet HTML 16Page - Texas Instruments ISO721 Datasheet HTML 17Page - Texas Instruments ISO721 Datasheet HTML 18Page - Texas Instruments ISO721 Datasheet HTML 19Page - Texas Instruments ISO721 Datasheet HTML 20Page - Texas Instruments ISO721 Datasheet HTML 21Page - Texas Instruments ISO721 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
www.ti.com
Insulation:
Pollution Degree:
Installation Category:
ISO721, ISO721M
ISO722, ISO722M
SLLS629B – JANUARY 2006 – REVISED MAY 2006
ISOLATION GLOSSARY (continued)
Operational insulation -- Insulation needed for the correct operation of the equipment.
Basic insulation -- Insulation to provide basic protection against electric shock.
Supplementary insulation -- Independent insulation applied in addition to basic insulation in order to ensure
protection against electric shock in the event of a failure of the basic insulation.
Double insulation -- Insulation comprising both basic and supplementary insulation.
Reinforced insulation -- A single insulation system which provides a degree of protection against electric shock
equivalent to double insulation.
Pollution Degree 1 -- No pollution, or only dry, nonconductive pollution occurs. The pollution has no influence.
Pollution Degree 2 -- Normally, only nonconductive pollution occurs. However, a temporary conductivity caused
by condensation must be expected.
Pollution Degree 3 -- Conductive pollution occurs or dry nonconductive pollution occurs which becomes
conductive due to condensation which is to be expected.
Pollution Degree 4– Continuous conductivity occurs due to conductive dust, rain, or other wet conditions.
Overvoltage Category -- This section is directed at insulation co-ordination by identifying the transient
overvoltages which may occur, and by assigning 4 different levels as indicated in IEC 60664.
I: Signal Level -- Special equipment or parts of equipment.
II: Local Level -- Portable equipment etc.
III: Distribution Level -- Fixed installation
IV: Primary Supply Level -- Overhead lines, cable systems
Each category should be subject to smaller transients than the category above.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22