công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA25C0804GLR bảng dữ liệu(PDF) 1 Page - CTS Corporation

tên linh kiện CA25C0804GLR
Giải thích chi tiết về linh kiện  4UTO3OTIVE GR4DE HC3OS CLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CTS [CTS Corporation]
Trang chủ  http://www.ctscorp.com
Logo CTS - CTS Corporation

CA25C0804GLR bảng dữ liệu(HTML) 1 Page - CTS Corporation

  CA25C0804GLR Datasheet HTML 1Page - CTS Corporation CA25C0804GLR Datasheet HTML 2Page - CTS Corporation CA25C0804GLR Datasheet HTML 3Page - CTS Corporation CA25C0804GLR Datasheet HTML 4Page - CTS Corporation CA25C0804GLR Datasheet HTML 5Page - CTS Corporation CA25C0804GLR Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2017 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
DOC# 008-0571-0 Rev. C
Page 1 of 6
odel
odel
odel
odel C
C
C
C 25
25
25
25C
C
C
C
UTO OTIVE GR DE
UTO OTIVE GR DE
UTO OTIVE GR DE
UTO OTIVE GR DE HC OS
HC OS
HC OS
HC OS CLOCK
CLOCK
CLOCK
CLOCK
Features
Features
Features
Features
EC
EC
EC
EC----Q200 Compliant
Q200 Compliant
Q200 Compliant
Q200 Compliant
Ceramic Surface
ount Package
Operating Temperature Range to -55°C to +105°C
Fundamental and 3rd Overtone Crystal Designs
Frequency Range 1.25 – 156.25 Hz *
+1.8V, +2.5V and +3.3V Operation
Output Enable Standard
Tape and Reel Packaging, EI -481
pplications
pplications
pplications
pplications
utomotive Electronics
obile
ultimedia/Infotainment
IoT and IIoT
Wireless Communication
edical Electronics
Commercial
ilitary & erospace
Description
Description
Description
Description
CTS
odel C 25C is a low cost, small size, Clock Oscillator [XO] developed for use in automotive electronics
operating over extended temperature ranges. C 25C has an HC OS/TTL compatible output, offers excellent
stability and low jitter/phase noise performance.
Ordering Information
Ordering Information
Ordering Information
Ordering Information
C
C
C
C
Code
Code
Code
Code
25
I
R
G
Code
H
Code
C
N
P
N
L
Code
Code
Code
5
3
7
4
2
Notes:
1]
2]
3]
4]
-40°C to +150°C
4
-55°C to +105°C
4
Contact y our local CTS Representativ e or CTS Customer Serv ice for av ailability .
Contact y our local CTS Representativ e or CTS Customer Serv ice for av ailability .
Contact y our local CTS Representativ e or CTS Customer Serv ice for av ailability .
Contact y our local CTS Representativ e or CTS Customer Serv ice for av ailability .
This product is specified for use only in standard commercial applications. Supplier disclaims all express and implied warranties and liability in connection with any use of
this product in any non-commercial applications or in any application that may expose the product to conditions that are outside of the tolerances provided in its specification.
vailable with stability codes 3, 2 and 7.
Not all performance combinations an d frequen cies may be av ailable.
Not all performance combinations an d frequen cies may be av ailable.
Not all performance combinations an d frequen cies may be av ailable.
Not all performance combinations an d frequen cies may be av ailable.
Stability codes 2 and 7. Contact factory for availability.
Refer to document 016-1454-0, Frequency Code Tables. 3-digits for frequencies <100 Hz, 4-digits for frequencies 100 Hz or greater.
vailable with stability codes 4, 3, 2 and 7.
±150ppm
±30ppm
±100ppm
Stability
Stability
±25ppm
±50ppm
+3.3Vdc
Stability
+1.8Vdc
+2.5Vdc
-40°C to +125°C
3
Voltage
HC OS
-40°C to +105°C
2
Output
2.5x2.0mm
Product Frequency Code
1
-40°C to +85°C
3k pcs./reel
Package Size
Frequency
Temp. Range
Packing
L
LL
L
R
R
R
R
2 5
2 5
2 5
2 5
C
C
C
C
X X X or X X X X
X X X or X X X X
X X X or X X X X
X X X or X X X X
3
3
3
3
G
G
G
G
Temperature
Temperature
Temperature
Temperature
Range
Range
Range
Range
Supply
Supply
Supply
Supply
Voltage
Voltage
Voltage
Voltage
P ackaging
P ackaging
P ackaging
P ackaging
odel
odel
odel
odel
Output
Output
Output
Output
Ty pe
Ty pe
Ty pe
Ty pe
Frequency Code
Frequency Code
Frequency Code
Frequency Code
[
Hz]
[
Hz]
[
Hz]
[
Hz]
Frequen cy
Frequen cy
Frequen cy
Frequen cy
Stability
Stability
Stability
Stability
Standard Frequencies
* See Page 6 for common frequencies.
Check with factory for availability of frequencies not listed.
Part Dimensions:
2.5 × 2.0 × 1.0mm • 14.25851mg


Số phần tương tự - CA25C0804GLR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
CA25 MACOM-CA25 Datasheet
355Kb / 2P
Cascadable Amplifier 5 to 1500 MHz
CA25-1 MACOM-CA25-1 Datasheet
364Kb / 2P
Cascadable Amplifier 2 to 1500 MHz
logo
M/A-COM Technology Solu...
CA25-1 MA-COM-CA25-1 Datasheet
1Mb / 2P
Cascadable Amplifier 2 to 1500 MHz
CA25-1 MA-COM-CA25-1 Datasheet
637Kb / 3P
Cascadable Amplifier
logo
Kingbright Corporation
CA25-11EWA KINGBRIGHT-CA25-11EWA Datasheet
506Kb / 5P
6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAYS
More results

Mô tả tương tự - CA25C0804GLR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LM8460 SANYO-LM8460 Datasheet
112Kb / 1P
ALARM CLOCK (CLOCK RADIO.ETC)
logo
Raltron Electronics Cor...
CE8200A-LZ-80.000-T-4 RALTRON-CE8200A-LZ-80.000-T-4 Datasheet
234Kb / 2P
CLOCK
CE8250A-LZ-25.000-T-4 RALTRON-CE8250A-LZ-25.000-T-4 Datasheet
234Kb / 2P
CLOCK
CP2 RALTRON-CP2 Datasheet
364Kb / 1P
CLOCK
logo
Cirrus Logic
CS2000-CP CIRRUS-CS2000-CP Datasheet
447Kb / 36P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-OTP CIRRUS-CS2000-OTP Datasheet
596Kb / 30P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP_09 Datasheet
301Kb / 36P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-OTP CIRRUS-CS2000-OTP_09 Datasheet
260Kb / 30P
Fractional-N Clock Synthesizer & Clock Multiplier
logo
Integrated Device Techn...
IDT5V2305PGGI IDT-IDT5V2305PGGI Datasheet
74Kb / 10P
CLOCK BUFFER PERFORMANCE CLOCK BUFFER
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
Clock Buffer and Clock Multiplier
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com