công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA25C0804GLR bảng dữ liệu(PDF) 2 Page - CTS Corporation

tên linh kiện CA25C0804GLR
Giải thích chi tiết về linh kiện  4UTO3OTIVE GR4DE HC3OS CLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CTS [CTS Corporation]
Trang chủ  http://www.ctscorp.com
Logo CTS - CTS Corporation

CA25C0804GLR bảng dữ liệu(HTML) 2 Page - CTS Corporation

  CA25C0804GLR Datasheet HTML 1Page - CTS Corporation CA25C0804GLR Datasheet HTML 2Page - CTS Corporation CA25C0804GLR Datasheet HTML 3Page - CTS Corporation CA25C0804GLR Datasheet HTML 4Page - CTS Corporation CA25C0804GLR Datasheet HTML 5Page - CTS Corporation CA25C0804GLR Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©2017 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
odel C 25C
UTO OTIVE GR DE HC OS CLOCK
DOC# 008-0571-0 Rev. C
Page 2 of 6
Electrical Specifications
Electrical Specifications
Electrical Specifications
Electrical Specifications
Operating Conditions
P R
ETER
P R
ETER
P R
ETER
P R
ETER
SY
BO L
SY
BO L
SY
BO L
SY
BO L
CO NDITIO NS
CO NDITIO NS
CO NDITIO NS
CO NDITIO NS
IN
IN
IN
IN
TYP
TYP
TYP
TYP
X
X
X
X
UNIT
UNIT
UNIT
UNIT
aximu m Su p p ly Vo ltage
aximu m Su p p ly Vo ltage
aximu m Su p p ly Vo ltage
aximu m Su p p ly Vo ltage
VCC
-
-0.5
-
4.0
V
1.710
1.8
1.890
2.375
2.5
2.665
3.135
3.3
3.465
Typical @ Nominal Vcc, CL = 15 pF, T = +25°C
@ +1.8V
-
10
15
@ +2.5V
-
15
20
@ +3.3V
-
15
20
O u tp u t Lo ad
O u tp u t Lo ad
O u tp u t Lo ad
O u tp u t Lo ad
CL
-
-
-
15
pF
-40
+85
-40
+105
-40
+125
-40
+150
-55
+105
-55
+125
Sto rage Temp eratu re
Sto rage Temp eratu re
Sto rage Temp eratu re
Sto rage Temp eratu re
TSTG
-
-55
-
+125
°C
Frequency Stability
P R
ETER
P R
ETER
P R
ETER
P R
ETER
SY
BO L
SY
BO L
SY
BO L
SY
BO L
CO NDITIO NS
CO NDITIO NS
CO NDITIO NS
CO NDITIO NS
IN
IN
IN
IN
TYP
TYP
TYP
TYP
X
X
X
X
UNIT
UNIT
UNIT
UNIT
Freq u en c y Ran ge
Freq u en c y Ran ge
Freq u en c y Ran ge
Freq u en c y Ran ge
fO
-
Hz
Freq u en c y Stab ility
Freq u en c y Stab ility
Freq u en c y Stab ility
Freq u en c y Stab ility
[Note 1]
Δf/fO
-
±ppm
gin g
gin g
gin g
gin g
Δf/f25
First Year @ +25°C, nominal VCC
-5
-
5
ppm
Output Parameters
P R
ETER
P R
ETER
P R
ETER
P R
ETER
SY
BO L
SY
BO L
SY
BO L
SY
BO L
CO NDITIO NS
CO NDITIO NS
CO NDITIO NS
CO NDITIO NS
IN
IN
IN
IN
TYP
TYP
TYP
TYP
X
X
X
X
UNIT
UNIT
UNIT
UNIT
O u tp u t Ty p e
O u tp u t Ty p e
O u tp u t Ty p e
O u tp u t Ty p e
-
-
-
VOH
Logic '1' Level, C OS Load
0.9VCC
-
-
VOL
Logic '0' Level, C OS Load
-
-
0.1VCC
IOH
VOH = 90%VCC [1.8V, 2.5V, 3.3V]
-
-
-4, -4, -8
IOL
VOL = 10%VCC [1.8V, 2.5V, 3.3V]
-
-
+4, +4, +8
O u tp u t Du ty Cy c le
O u tp u t Du ty Cy c le
O u tp u t Du ty Cy c le
O u tp u t Du ty Cy c le
SY
@ 50% Level
45
-
55
%
@ 10%/90% Levels, Nominal VCC, CL = 15pF
@ +1.8V
-
5
7
@ +2.5V
-
5
7
@ +3.3V
-
6
7
Start Up Time
Start Up Time
Start Up Time
Start Up Time
TS
pplication of VCC
-
2
5
ms
Rise an d Fall Time
Rise an d Fall Time
Rise an d Fall Time
Rise an d Fall Time
[Note 2 ]
TR, TF
ns
25, 30, 50, 100 or 150
1.] Inc lusive of initial toleranc e at time of shipment, c hanges in supply voltage, load, temperature and 1st year aging.
HC OS
O u tp u t Vo ltage Lev els
O u tp u t Vo ltage Lev els
O u tp u t Vo ltage Lev els
O u tp u t Vo ltage Lev els
V
O u tp u t Cu rren t Lev els
O u tp u t Cu rren t Lev els
O u tp u t Cu rren t Lev els
O u tp u t Cu rren t Lev els
m
2.] Parameters are worst c ase and ac c ount for c omprehensive range of produc t spec ification. Performanc e may vary by applic ation and must be validated by end user.
1.25 - 156.25
Su p p ly Vo ltage
Su p p ly Vo ltage
Su p p ly Vo ltage
Su p p ly Vo ltage
VCC
±5%
V
Su p p ly Cu rren t
Su p p ly Cu rren t
Su p p ly Cu rren t
Su p p ly Cu rren t
ICC
m
O p eratin g Temp eratu re
O p eratin g Temp eratu re
O p eratin g Temp eratu re
O p eratin g Temp eratu re
T
-
+25
°C



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com