| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STE2004DIE2 bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004DIE2 bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 66 page ![]() STE2004 36/66 Figure 50. 8080-series parallel bus protocol - several bytes transmission Figure 51. 8080-series Parallel interface protocol in Reading Mode Figure 52. 8080-series Parallel interface protocol in Reading Mode (Several Bytes) D/C CS WR D0 to D7 RD LR0084 D/C CS RD D0 to D7 WR LR0085 D/C CS RD D0 to D7 WR Note 1) Data Bus is configured in high impedence mode after every RD rising edge 2) Always the same data is output on D0-D7 LR0045 |