công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83955AV bảng dữ liệu(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện DP83955AV
Giải thích chi tiết về linh kiện  LitE Repeater Interface Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83955AV bảng dữ liệu(HTML) 8 Page - National Semiconductor (TI)

Back Button DP83955AV Datasheet HTML 4Page - National Semiconductor (TI) DP83955AV Datasheet HTML 5Page - National Semiconductor (TI) DP83955AV Datasheet HTML 6Page - National Semiconductor (TI) DP83955AV Datasheet HTML 7Page - National Semiconductor (TI) DP83955AV Datasheet HTML 8Page - National Semiconductor (TI) DP83955AV Datasheet HTML 9Page - National Semiconductor (TI) DP83955AV Datasheet HTML 10Page - National Semiconductor (TI) DP83955AV Datasheet HTML 11Page - National Semiconductor (TI) DP83955AV Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
20 Connection Diagrams (Continued)
Pin Table for DP83956
(Configured as Port 1 Full AUI Ports 2 – 3 AUI and Ports 4 – 7 Twisted-Pair)
Pin Name
Pin No
Pin Name
Pin No
Pin Name
Pin No
Pin Name
Pin No
Pin Name
Pin No
GND
1
VCC
21
RXM
41
VCC
61
VCC
81
NC
2
PKEN
22
IRD
42
RX2b
62
CLK
82
VCC
3
IRE
23
IRC
43
RX2a
63
MLOAD
83
RXI6a
4
ACTNS
24
STR
44
CD2a
64
WR
84
RXI6b
5
ACTND
25
DFS
45
CD2b
65
RD
85
TXO6Pa
6
ANYXNS
26
BUFEN
46
TX2a
66
ACKI
86
TXO6b
7
ANYXND
27
ACKO
47
TX2b
67
RXI4a
87
TXO6a
8
COLN
28
CD1a
48
NC
68
RXI4b
88
TXO6Pb
9
NC
29
CD1b
49
GND
69
TXO4Pa
89
NC
10
NC
30
NC
50
VCC
70
TXO4b
90
GND
11
D7
31
RX1a
51
TX3b
71
TXO4a
91
VCC
12
D6
32
RX1b
52
TX3a
72
TXO4Pb
92
TXO7Pb
13
D5
33
NC
53
CD3b
73
GND
93
TXO7a
14
D4
34
VCC
54
CD3a
74
VCC
94
TXO7b
15
D3
35
NC
55
RX3b
75
TXO5Pb
95
TXO7Pa
16
D2
36
GND
56
RX3a
76
TXO5a
96
RXI7a
17
D1
37
TX1a
57
GND
77
TXO5b
97
RXI7b
18
D0
38
TX1b
58
NC
78
TXO5Pa
98
NC
19
VCC
39
NC
59
NC
79
RXI5a
99
GND
20
GND
40
GND
60
NC
80
RXI5b
100
Note
DP83956 will change from VLY package to VLJ package approximately Q3 1993
TLF11240 – 37
Top View
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54