| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95128-DF bảng dữ liệu(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95128-DF bảng dữ liệu(HTML) 40 Page - STMicroelectronics |
|
40 / 48 page ![]() Table 25. WLCSP8 - Mechanical data Symbol millimeters inches(1) Min Typ Max Min Typ Max A 0.500 0.540 0.580 0.0197 0.0213 0.0228 A1 - 0.190 - - 0.0075 - A2 - 0.350 - - 0.0138 - b(2) - 0.270 - - 0.0106 - D - 1.289 1.309 - 0.0507 0.0515 E - 1.099 1.119 - 0.0433 0.0441 e - 0.800 - - 0.0315 - e1 - 0.693 - - 0.0273 - e2 - 0.400 - - 0.0157 - e3 - 0.400 - - 0.0157 - F - 0.203 - - 0.0080 - G - 0.245 - - 0.0096 - H - 0.203 - - 0.0080 - aaa - 0.110 - - 0.0043 - bbb - 0.110 - - 0.0043 - ccc - 0.110 - - 0.0043 - ddd - 0.060 - - 0.0024 - eee - 0.060 - - 0.0024 - 1. Values in inches are converted from mm and rounded to four decimal digits. 2. Dimension is measured at the maximum bump diameter parallel to primary datum Z. Figure 30. WLCSP8 - Recommended footprint 0.693 0.400 0.800 0.400 8 bumps x Ø 0.270 1. Dimensions are expressed in millimeters. M95128-W M95128-R M95128-DF WLCSP8 (CS) package information DS1356 - Rev 20 page 40/48 |