| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95128-R bảng dữ liệu(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95128-R bảng dữ liệu(HTML) 38 Page - STMicroelectronics |
|
38 / 48 page ![]() Table 24. UFDFPN8 - Mechanical data Symbol millimeters inches(1) Min Typ Max Min Typ Max A 0.450 0.550 0.600 0.0177 0.0217 0.0236 A1 0.000 0.020 0.050 0.0000 0.0008 0.0020 b(2) 0.200 0.250 0.300 0.0079 0.0098 0.0118 D 1.900 2.000 2.100 0.0748 0.0787 0.0827 D2 1.200 - 1.600 0.0472 - 0.0630 E 2.900 3.000 3.100 0.1142 0.1181 0.1220 E2 1.200 - 1.600 0.0472 - 0.0630 e - 0.500 - 0.0197 K 0.300 - - 0.0118 - - L 0.300 - 0.500 0.0118 - 0.0197 L1 - - 0.150 - - 0.0059 L3 0.300 - - 0.0118 - - aaa - - 0.150 - - 0.0059 bbb - - 0.100 - - 0.0039 ccc - - 0.100 - - 0.0039 ddd - - 0.050 - - 0.0020 eee(3) - - 0.080 - - 0.0031 1. Values in inches are converted from mm and rounded to four decimal digits. 2. Dimension b applies to plated terminal and is measured between 0.15 and 0.30 mm from the terminal tip. 3. Applied for exposed die paddle and terminals. Exclude embedding part of exposed die paddle from measuring. Figure 28. UFDFPN8 - Recommended footprint 0.500 1.400 0.600 1.200 0.300 1.300 1. Dimensions are expressed in millimeters. M95128-W M95128-R M95128-DF UFDFPN8 (DFN8) package information DS1356 - Rev 20 page 38/48 |