công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M95128-R bảng dữ liệu(PDF) 27 Page - STMicroelectronics

tên linh kiện M95128-R
Giải thích chi tiết về linh kiện  128-Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-R bảng dữ liệu(HTML) 27 Page - STMicroelectronics

Back Button M95128-R Datasheet HTML 23Page - STMicroelectronics M95128-R Datasheet HTML 24Page - STMicroelectronics M95128-R Datasheet HTML 25Page - STMicroelectronics M95128-R Datasheet HTML 26Page - STMicroelectronics M95128-R Datasheet HTML 27Page - STMicroelectronics M95128-R Datasheet HTML 28Page - STMicroelectronics M95128-R Datasheet HTML 29Page - STMicroelectronics M95128-R Datasheet HTML 30Page - STMicroelectronics M95128-R Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
Table 16. DC characteristics (M95128-W, device grade 6)
Symbol
Parameter
Test conditions specified in Table 9 and Table 12
Min.
Max.
Unit
ILI
Input leakage current
VIN = VSS or VCC
-
± 2
µA
ILO
Output leakage current
S = VCC, VOUT = VSS or VCC
-
± 2
µA
ICC
Supply current (Read)
VCC= 2.5 V, C = 0.1 VCC / 0.9 VCC
at 10 MHz, Q = open
-
2
mA
VCC= 5.5 V, C = 0.1 VCC / 0.9 VCC
at 20 MHz, Q = open
-
5
ICC0 (1)
Supply current (Write)
During tW, S = VCC,
2.5 V < VCC < 5.5 V
-
3
mA
ICC1
Supply current
(Standby)
S = VCC, VCC= 5.5 V,
VIN = VSS or VCC
-
3
µA
S = VCC, VCC= 2.5 V,
VIN = VSS or VCC
-
2
VIL
Input low voltage
-
–0.45
0.3 VCC
V
VIH
Input high voltage
-
0.7 VCC
VCC+1
V
VOL
Output low voltage
VCC = 2.5 V and IOL = 1.5 mA or
VCC = 5 V and IOL = 2 mA
-
0.4
V
VOH
Output high voltage
VCC = 2.5 V and IOH = –0.4 mA or
VCC = 5 V and IOH = –2 mA
0.8 VCC
-
V
1. Characterized only, not tested in production.
Table 17. DC characteristics (M95128-R, device grade 6)
Symbol
Parameter
Test conditions in addition to those defined in Table 10
and Table 12 (1)
Min
Max
Unit
ILI
Input leakage current
VIN = VSS or VCC
-
± 2
µA
ILO
Output leakage current S = VCC, voltage applied on Q = VSS or VCC
-
± 2
µA
ICC
Supply current (Read)
VCC= 1.8 V, C = 0.1 VCC or 0.9 VCC
at 5 MHz , Q = open
-
2
mA
ICC0 (2) Supply current (Write)
VCC = 1.8 V , during tW, S = VCC
-
3
mA
ICC1
Supply current
(Standby)
VCC = 1.8 V, S = VCC, VIN = VSS or VCC
-
1
µA
VIL
Input low voltage
1.8 V ≤ VCC < 2.5 V
–0.45
0.25 VCC
V
VIH
Input high voltage
1.8 V ≤ VCC < 2.5 V
0.75 VCC
VCC+1
V
VOL
Output low voltage
IOL = 0.15 mA, VCC = 1.8 V
-
0.3
V
VOH
Output high voltage
IOH = –0.1 mA, VCC = 1.8 V
0.8 VCC
-
V
1. If the application uses the M95128-R with 2.5 V < VCC < 5.5 V and -40 °C < TA < +85 °C, refer to Table 16 rather then the
above table.
2. Characterized only, not tested in production.
M95128-W M95128-R M95128-DF
DC and AC parameters
DS1356 - Rev 20
page 27/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48