| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM317BT bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM317BT bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 34 page ![]() 8.6 D²PAK packaging information Figure 20. D²PAK tape outline P1 A0 D1 P0 F W E D B0 K0 T User direction of feed P2 10 pitches cumul ative tolerance on tape +/- 0.2 mm User direction of feed R Bending radius B1 For machine ref. only including d raft and radii concentric around B0 Top cover tape Figure 21. Reel for D²PAK A D B Full radius G measured at hub C N REELDIMENSIONS 40mm min. Access hole At sl ot location T Tape slot in core for tape start 25 mm min. width LM217, LM317 D²PAK packaging information DS0433 - Rev 22 page 25/34 |