| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2901 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM2901 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 29 page ![]() Table 5-1. Pin Functions PIN I/O DESCRIPTION NAME(1) SOIC, TSSOP, DYY X2QFN WQFN OUT1 (1) 1 14 16 Output Output pin of the comparator 2 OUT2 (1) 2 1 15 Output Output pin of the comparator 1 VCC 3 2 1 — Positive supply IN2– (1) 4 3 5 Input Negative input pin of the comparator 1 IN2+ (1) 5 4 6 Input Positive input pin of the comparator 1 IN1– (1) 6 5 2 Input Negative input pin of the comparator 2 IN1+ (1) 7 6 4 Input Positive input pin of the comparator 2 IN3– 8 7 7 Input Negative input pin of the comparator 3 IN3+ 9 8 8 Input Positive input pin of the comparator 3 IN4– 10 9 9 Input Negative input pin of the comparator 4 IN4+ 11 10 11 Input Positive input pin of the comparator 4 GND 12 11 12 — Negative supply OUT4 13 12 13 Output Output pin of the comparator 4 OUT3 14 13 14 Output Output pin of the comparator 3 NC — — 3 — No Internal Connection - Leave floating or GND NC — — 10 — No Internal Connection - Leave floating or GND Thermal Pad — — PAD — Connect directly to GND pin (1) Some manufacturers transpose the names of channels 1 & 2. Electrically the pinouts are identical, just a difference in channel naming convention. LM2901-Q1, LM2901V-Q1, LM2901AV-Q1, LM2901B-Q1 SLCS142G – DECEMBER 2003 – REVISED MARCH 2023 www.ti.com 4 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: LM2901-Q1 LM2901V-Q1 LM2901AV-Q1 LM2901B-Q1 |