| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L7805CV bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7805CV bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 55 page ![]() Refer to the test circuits, TJ = 0 to 125 °C, VI = 15 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified. Table 14. Electrical characteristics of L7809C Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25 °C 8.64 9 9.36 V VO Output voltage IO = 5 mA to 1 A, VI = 11.5 to 22 V 8.55 9 9.45 V VO Output voltage IO = 1 A, VI = 22 to 26 V, TJ = 25 °C 8.55 9 9.45 V ∆VO (1) Line regulation VI = 11.5 to 26 V, TJ = 25 °C 180 mV VI = 12 to 18 V, TJ = 25 °C 90 ∆VO (1) Load regulation IO = 5 mA to 1.5 A, TJ = 25 °C 180 mV IO = 250 to 750 mA, TJ = 25 °C 90 Id Quiescent current TJ = 25 °C 8 mA ∆Id Quiescent current change IO = 5 mA to 1 A 0.5 mA VI = 11.5 to 26 V 1 ∆VO/∆T Output voltage drift IO = 5 mA -1 mV/°C eN Output noise voltage B = 10 Hz to 100 kHz, TJ = 25 °C 70 µV/VO SVR Supply voltage rejection VI = 12 to 23 V, f = 120 Hz 55 dB Vd Dropout voltage IO = 1 A, TJ = 25 °C 2 V RO Output resistance f = 1 kHz 17 mΩ Isc Short circuit current VI = 35 V, TJ = 25 °C 0.40 A Iscp Short circuit peak current TJ = 25 °C 2.2 A 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. Note: Minimum load current for regulation is 5 mA. L78 Electrical characteristics DS0422 - Rev 36 page 17/55 |