công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L99DZ100GP bảng dữ liệu(PDF) 192 Page - STMicroelectronics

tên linh kiện L99DZ100GP
Giải thích chi tiết về linh kiện  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP bảng dữ liệu(HTML) 192 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 188Page - STMicroelectronics L99DZ100GP Datasheet HTML 189Page - STMicroelectronics L99DZ100GP Datasheet HTML 190Page - STMicroelectronics L99DZ100GP Datasheet HTML 191Page - STMicroelectronics L99DZ100GP Datasheet HTML 192Page - STMicroelectronics L99DZ100GP Datasheet HTML 193Page - STMicroelectronics L99DZ100GP Datasheet HTML 194Page - STMicroelectronics L99DZ100GP Datasheet HTML 195Page - STMicroelectronics L99DZ100GP Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 197 page
background image
SPI Registers
L99DZ100G, L99DZ100GP
192/197
DS11546 Rev 5
5
CAN_SILENT
Online monitoring bit to see if there is silence on the bus for longer than tSilence
This flag shows the actual status of the CAN bus (activity/silence). A microcontroller
in Stop mode may check this flag priodically
4
TX_SYNC
Status flag for synchronous reference oscillator of the CAN transceiver. Indicates
that the last received frame was decoded correctly
0: Not synchronous
1: Synchronous
‘Live’ Bit Updated after each sent CAN Frame
3CANTO
CAN communication timeout
Bit is set if there is no communication on the bus for t > tSilence
CANTO indicates that there was a transition from TRX BIAS to TRX Sleep
Bit is latched until a read and clear access
2WUP
Wake up flag for Wake up Pattern
Bit is latched until a read and clear access
1WUF
Wake up flag for Wake up Frame
Bit is latched until a read and clear access
0
FDERR
Frame Detect Error
This bit is set at overflow of the Frame Error Counter (FECNT) in SR12
In case of a Frame Detect Error, the device will wake up from TRX BIAS mode
Bit is latched until a read and clear access
Table 161. SR12 signals description (continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com