công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L99DZ100GP bảng dữ liệu(PDF) 96 Page - STMicroelectronics

tên linh kiện L99DZ100GP
Giải thích chi tiết về linh kiện  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP bảng dữ liệu(HTML) 96 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 92Page - STMicroelectronics L99DZ100GP Datasheet HTML 93Page - STMicroelectronics L99DZ100GP Datasheet HTML 94Page - STMicroelectronics L99DZ100GP Datasheet HTML 95Page - STMicroelectronics L99DZ100GP Datasheet HTML 96Page - STMicroelectronics L99DZ100GP Datasheet HTML 97Page - STMicroelectronics L99DZ100GP Datasheet HTML 98Page - STMicroelectronics L99DZ100GP Datasheet HTML 99Page - STMicroelectronics L99DZ100GP Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 197 page
background image
Application information
L99DZ100G, L99DZ100GP
96/197
DS11546 Rev 5
VSREG undervoltage
If the supply voltage VSREG drops below the under voltage threshold voltage (VSREG_UV):
LIN is switched to high impedance
CAN remains enabled
OUT15 and OUT_HS are turned off (default).
The shutdown of outputs may be disabled by SPI (VSREG_UV_SD_EN (CR 3) = 0)
Recovery of outputs after undervoltage condition is configurable by SPI:
–
VSREG_LOCK_EN (CR 3) = 1: outputs are off until Read&Clear VSREG_UV
(SR 2).
–
VSREG_LOCK_EN (CR 3) = 0: Outputs turned on automatically after VSREG
undervoltage condition has recovered.
The undervoltage bit VSREG_UV (SR 2) is set and can be cleared with a ‘Read&Clear’
command. The undervoltage bit is removed automatically if
VSREG_LOCK_EN (CR 3) = 0 and the undervoltage condition has recovered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com