công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L99DZ100GP bảng dữ liệu(PDF) 85 Page - STMicroelectronics

tên linh kiện L99DZ100GP
Giải thích chi tiết về linh kiện  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP bảng dữ liệu(HTML) 85 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 81Page - STMicroelectronics L99DZ100GP Datasheet HTML 82Page - STMicroelectronics L99DZ100GP Datasheet HTML 83Page - STMicroelectronics L99DZ100GP Datasheet HTML 84Page - STMicroelectronics L99DZ100GP Datasheet HTML 85Page - STMicroelectronics L99DZ100GP Datasheet HTML 86Page - STMicroelectronics L99DZ100GP Datasheet HTML 87Page - STMicroelectronics L99DZ100GP Datasheet HTML 88Page - STMicroelectronics L99DZ100GP Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 197 page
background image
DS11546 Rev 5
85/197
L99DZ100G, L99DZ100GP
Application information
196
4.9
LIN Bus Interface
Figure 28. RxDL pin
4.9.1
Features
LIN 2.2a compliant (SAEJ2602 compatible) transceiver
LIN Cell has been designed according to “Hardware requirements for transceivers
(version 1.3)”
Bitrate up to 20 kbit/s
Dedicated LIN Flash mode with bitrate up to 100 kbit/s
GND disconnection fail safe at module level
Off mode: does not disturb network
GND shift operation at system level
Micro controller Interface with CMOS-compatible I/O pins
Internal pull-up resistor
Receive-only mode
ESD and transient immunity according to ISO7637 and EN / IEC61000-4-2
Matched output slopes and propagation delay
Wake-up behaviour according to LIN2.2a and Hardware Requirements for LIN, CAN
and Flexray Interfaces (version 1.3)
At VSREG > VPOR (i.e. VSREG power-on reset threshold), the LIN transceiver is enabled. The
LIN transmitter is disabled in case of the following errors:
Dominant TxDL time out
LIN permanent recessive
Thermal shutdown 1
VSREG overvoltage/ undervoltage
The LIN receiver is not disabled in case of any failure condition.
The default bitrate of the transceiver allows communication up to 20 kbit/s. To enable fast
flashing via the LIN bus, the transceiver can be operated in high speed mode by setting bit
LIN_HS_EN (Config Reg) = 1. This feature is enabled automatically in LIN Flash mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com