| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L99DZ100GP bảng dữ liệu(PDF) 180 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ100GP bảng dữ liệu(HTML) 180 Page - STMicroelectronics |
|
180 / 197 page ![]() SPI Registers L99DZ100G, L99DZ100GP 180/197 DS11546 Rev 5 7.5.2 Status Register SR2 (0x32) Table 144. Status Register SR2 (0x32) 23 22 21 20 19 18 17 16 15 14 13 12 11 10 98765 43210 Bit name Access R/C R R/C Table 145. SR2 signals description Bit Name Description 23 LIN_PERM_DOM LIN bus signal is dominant for t > tdom(bus) Bit is latched until a “Read and clear” command 22 LIN_TXD_DOM TxDL pin is dominant for t > tdom(TXDL) The LIN transmitter is disabled until the bit is cleared Bit is latched until a “Read and clear” command 21 LIN_PERM_REC LIN bus signal does not follow TxDL within tLIN The LIN transmitter is disabled until the bit is cleared Bit is latched until a “Read and clear” command 20 CAN_RXD_REC RxDC has not followed TxDC for 4 times The CAN transmitter is disabled until the bit is cleared Bit is latched until a “Read and clear” command 19 CAN_PERM_REC CAN bus signal did not follow TxDC for 4 times The CAN transmitter is disabled until the bit is cleared Bit is latched until a “Read and clear” command 18 CAN_PERM_DOM CAN bus signal is dominant for t > tCAN Bit is latched until a “Read and clear” command 17 CAN_TXD_DOM TxDC pin is dominant for t > tdom(TXDC) The CAN transmitter is disabled until the bit is cleared Bit is latched until a “Read and clear” command 16 CAN_SUP_LOW Voltage at CAN supply pin reached the CAN supply low warning threshold VCANSUP < VCANSUPlow Bit is latched until a “Read and clear” command 15 DSMON_HS2 Drain-Source Monitoring ‘1’ indicates a short-circuit or open-load condition was detected Bit is latched until a “Read and clear” command 14 DSMON_HS1 13 DSMON_LS2 12 DSMON_LS1 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |