| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L99DZ100GP bảng dữ liệu(PDF) 155 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ100GP bảng dữ liệu(HTML) 155 Page - STMicroelectronics |
|
155 / 197 page ![]() DS11546 Rev 5 155/197 L99DZ100G, L99DZ100GP SPI Registers 196 17 OUT2_HS OUT2 High-Side Driver control 0: OUT2_HS is turned off (default) 1: OUT2_HS is turned on An internal cross-current protection prevents, that both the low- and high-side drivers of the half-bridge OUT2 are switched on simultaneously. 16 OUT2_LS OUT2 Low-Side Driver control 0: OUT2_LS is turned off (default) 1: OUT2_LS is turned on An internal cross-current protection prevents, that both the low- and high-side drivers of the half-bridge OUT2 are switched on simultaneously. 15:14 Reserved Reserved 13 OUT3_HS OUT3 High-Side Driver control 0: OUT3_HS is turned off (default) 1: OUT3_HS is turned on An internal cross-current protection prevents, that both the low- and high-side drivers of the half-bridge OUT3 are switched on simultaneously. 12 OUT3_LS OUT3 Low-Side Driver control 0: OUT3_LS is turned off (default) 1: OUT3_LS is turned on An internal cross-current protection prevents, that both the low- and high-side drivers of the half-bridge OUT3 are switched on simultaneously. 11:10 Resrved Reserved 9 OUT4_HS OUT4 High-Side Driver control 0: OUT4_HS is turned off (default) 1: OUT4_HS is turned on An internal cross-current protection prevents, that both the low- and high-side drivers of the half-bridge OUT4 are switched on simultaneously. 8 OUT4_LS OUT4 Low-Side Driver control 0: OUT4_LS is turned off (default) 1: OUT4_LS is turned on An internal cross-current protection prevents, that both the low- and high-side drivers of the half-bridge OUT4 are switched on simultaneously. 7:6 Reserved Reserved 5 OUT5_HS OUT5 High-Side Driver control 0: OUT5_HS is turned off (default) 1: OUT5_HS is turned on An internal cross-current protection prevents, that both the low- and high-side drivers of the half-bridge OUT5 are switched on simultaneously. 4 OUT5_LS OUT5 Low-side Driver control 0: OUT5_LS is turned off (default) 1: OUT5_LS is turned on An internal cross-current protection prevents, that both the low- and high-side drivers of the half-bridge OUT5 are switched on simultaneously. Table 100. CR4 signals description (continued) Bit Name Description |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |