| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L99DZ100GP bảng dữ liệu(PDF) 124 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ100GP bảng dữ liệu(HTML) 124 Page - STMicroelectronics |
|
124 / 197 page ![]() Serial Peripheral Interface (SPI) L99DZ100G, L99DZ100GP 124/197 DS11546 Rev 5 A Read & Clear Operation will lead to a clear of addressed status bits. The bits to be cleared are defined first by address, second by payload bits set to ‘1’. Beside this a shift out of the content (data present at Communication Start) of the registers is performed. Note: Status registers which change status during communication could be cleared by the actual Read & Clear Operation and are neither reported in actual communication nor in the following communications. To avoid a loss of any reported status it is recommended just clear status registers which are already reported in the previous communication (Selective Bitwise Clear). Advanced operation codes To provide beside the separate write of all control registers and the bitwise clear of all status registers, two Advanced Operation Codes can be used to set all control registers to the default value and to clear all status registers. A ‘set all control registers to default’ command is performed when an OpCode ‘11’ at address b’111111 is performed. Note: Please consider that potential device specific write protected registers cannot be cleared with this command as therefore a device Power-on-Reset is needed. A ‘clear all status registers’ command is performed when an OpCode ‘10’ at address b’111111 is performed. Data-in payload The Payload (Data Byte 1 to Data Byte 3) is the data transferred to the devices with every SPI communication. The Payload always follows the OpCode and the Address bits. For Write access the Payload represents the new data written to the addressed register. For Read & Clear operations the Payload defines which bits of the adressed Status Register will be cleared. In case of a ‘1’ at the corresponding bit position the bit will be cleared. For a Read Operation the Payload is not used. For functional safety reasons it is recommended to set unused Payload to ‘0’. SDO frame The data-out frame consists of 32-bit (GSB + Data Byte 1 to 3). The first eight transmitted bits contain device related status information and are latched into the shift register at the time of the Communication Start. These 8-bit are transmitted at every SPI transaction. The subsequent bytes contain the payload data and are latched into the shift register with the eighth positive SCK edge. This could lead to an inconsistency of data between the GSB and Payload due to different shift register load times. Anyhow, no unwanted Status Register clear should appear, as status information should just be cleared with a dedicated bit clear after. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |