công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W764M32VESSBC bảng dữ liệu(PDF) 5 Page - White Electronic Designs Corporation

tên linh kiện W764M32VESSBC
Giải thích chi tiết về linh kiện  64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WEDC [White Electronic Designs Corporation]
Trang chủ  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W764M32VESSBC bảng dữ liệu(HTML) 5 Page - White Electronic Designs Corporation

  W764M32VESSBC Datasheet HTML 1Page - White Electronic Designs Corporation W764M32VESSBC Datasheet HTML 2Page - White Electronic Designs Corporation W764M32VESSBC Datasheet HTML 3Page - White Electronic Designs Corporation W764M32VESSBC Datasheet HTML 4Page - White Electronic Designs Corporation W764M32VESSBC Datasheet HTML 5Page - White Electronic Designs Corporation W764M32VESSBC Datasheet HTML 6Page - White Electronic Designs Corporation W764M32VESSBC Datasheet HTML 7Page - White Electronic Designs Corporation W764M32VESSBC Datasheet HTML 8Page - White Electronic Designs Corporation W764M32VESSBC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W764M32V-XSBX
March 2006
Rev. 2
ADVANCED*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
DC CHARACTERISTICS – CMOS COMPATIBLE
VCC = 3.3V ± 0.3V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Load Current (1)
ILI
VIN = VSS to VCC, #VCC = VCC(MAX)
WP/ACC: ±2.0
µA
Others: ±1.0
A9 Input Load Current
ILIT
VCC = to VCC(MAX); A9 = 12.5V
35
µA
Output Leakage Current
ILO
VOUT = VSS to VCC, # VCC =
VCC(MAX)
±1.0
µA
VCC Active Current for Read (1)
ICC1
CE# = VIL#, OE# = VIH, VCC =
VCC(MAX); # f = 1 MHz, Byte Mode
24
80
mA
CE# = VIL#, OE# = VIH, VCC =
VCC(MAX); # f = 5MHz, Word Mode
120
200
mA
VCC Intra-Page Read Current (1)
ICC2
CE# = VIL#, OE# = VIH, VCC =
VCC(MAX); f = 10MHz
110
mA
VCC Active Erase/Program Current (2,3)
ICC3
CE# = VIL#, OE# = VIH, VCC =
VCC(MAX)
200
320
mA
VCC Standby Current
ICC4
VCC = VCC(MAX); VIO = VCC; OE# =
VIH; # VIL = VSS + 0.3V/-0.1V; #
CE#, RESET# = VSS ± 0.3V
420
µA
VCC Reset Current
ICC5
VCC = VCC(MAX); VIO = VSS + 0.3V/-
0.1V; RESET# = VSS ± 0.3V
420
µA
Automatic Sleep Mode (4)
ICC6
VCC = VCC(MAX); VIO = VCC; VIH =
VCC ± 0.3V; #VIL = VSS + 0.3V/-
0.1V; WP#/ACC = VIH
420
µA
ACC Accelerated Program Current
IACC
CE# = VIL, OE# = VIH, VCC =
VCC(MAX), #WP#/ACC = VIH
WP#/ACC pin
40
80
mA
VCC pin
200
320
Input Low Voltage (5)
VIL
-0.1
0.3 x VIO
V
Input High Voltage (5)
VIH
0.7 x VIO
VIO + 0.3
V
Voltage for ACC Erase/Program
Acceleration
VHH
VCC = 2.7 - 3.6V
11.5
12.5
V
Voltage for Autoselect and Temporary
Sector Unprotect
VID
VCC = 2.7 - 3.6V
11.5
12.5
V
Output Low Voltage (5)
VOL
IOL = -100 µA
0.15 x VIO
V
Output High Voltage (5)
VOH
IOH = -100 µA
0.85 x VIO
V
Low VCC Lock-Out Voltage
VLKO
2.3
2.5
V
NOTES:
1.
The ICC current is typically less than 2 mA/MHz, with OE# at VIH
2.
ICC active while Embedded Erase or Embedded Program or Write Buffer Programming is in progress.
3.
Not 100% tested.
4.
Automatic sleep mode enables the lower power mode when addresses remain stable for tACC + 30ns.
5.
VIO = 1.65-1.95V or 2.7-3.6V.
6.
VCC = 3 V and VIO = 3V or 1.8V. When VIO is at 1.8V, I/O pins cannot operate at 3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com