công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W764M32VESSBC bảng dữ liệu(PDF) 4 Page - White Electronic Designs Corporation

tên linh kiện W764M32VESSBC
Giải thích chi tiết về linh kiện  64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WEDC [White Electronic Designs Corporation]
Trang chủ  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W764M32VESSBC bảng dữ liệu(HTML) 4 Page - White Electronic Designs Corporation

  W764M32VESSBC Datasheet HTML 1Page - White Electronic Designs Corporation W764M32VESSBC Datasheet HTML 2Page - White Electronic Designs Corporation W764M32VESSBC Datasheet HTML 3Page - White Electronic Designs Corporation W764M32VESSBC Datasheet HTML 4Page - White Electronic Designs Corporation W764M32VESSBC Datasheet HTML 5Page - White Electronic Designs Corporation W764M32VESSBC Datasheet HTML 6Page - White Electronic Designs Corporation W764M32VESSBC Datasheet HTML 7Page - White Electronic Designs Corporation W764M32VESSBC Datasheet HTML 8Page - White Electronic Designs Corporation W764M32VESSBC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W764M32V-XSBX
March 2006
Rev. 2
ADVANCED*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ABSOLUTE MAXIMUM RATINGS
Parameter
Unit
Operating Temperature
-55 to +125
°C
Supply Voltage Range (VCC)
-0.5 to +4.0
V
Signal Voltage Range
-0.5 to Vcc +0.5
V
Storage Temperature Range
-55 to +125
°C
Endurance (write/erase cycles)
1,000,000 min.
cycles
NOTES:
1.
Minimum DC voltage on input or input or I/Os is -0.5V. During voltage transitions,
inputs or I/Os may overshoot VSS to -2.0V for periods of up to 20ns. Maximum DC
voltage on input or I/Os us VCC + 0.5V. During voltage transitions, input or I/O pins
may overshoot to VCC + 2.0V for periods up to 20ns
2.
Minimum DC input voltage on pins A9, OE#, and ACC is 0.5V. During voltage
transitions, A9, OE#, and ACC may overshoot VSS to -2.0V for periods of up to 20ns.
Maximum DC input voltage on pin A9, OE#, and ACC is +12.5V which may overshoot
to +14.0V for periods up to 20ns
3.
No more than one output may be shorted to ground at a time. Duration of the short
circuit should not be greater than one second.
4.
Stresses above those listed under Absolute Maxium Ratings may cause permanent
damage to the device. This is a stress rating only; functional operation of the device
at these or any other conditions above those indicated in the operational sections
of the data sheet is not implied. Exposure of the device to absolute maxium rating
conditons for extended peroids may affect device reliability
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
3.0
3.6
V
Operating Temp. (Mil.)
TA
-55
+125
°C
Operating Temp. (Ind.)
TA
-40
+85
°C
CAPACITANCE
TA = +25°C, F = 1.0MHz
Parameter
Symbol
Max
Unit
WE1-4# capacitance
CWE
TBD
pF
CS1-4# capacitance
CCS
TBD
pF
Data I/O capacitance
CI/O
TBD
pF
Address input capacitance
CAD
TBD
pF
RESET# capacitance
CRS
TBD
pF
RY/BY# capacitance
CRB
TBD
pF
OE# capacitance
COE
TBD
pF
This parameter is guaranteed by design but not tested.
DATA RETENTION
Parameter
Test Conditions
Min
Unit
Pattern Data
Retention Time
150°C
10
Years
125°C
20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com