công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3495MTC bảng dữ liệu(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM3495MTC
Giải thích chi tiết về linh kiện  Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3495MTC bảng dữ liệu(HTML) 19 Page - National Semiconductor (TI)

Back Button LM3495MTC Datasheet HTML 15Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 16Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 17Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 18Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 19Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 20Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 21Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 22Page - National Semiconductor (TI) LM3495MTC Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Design Considerations (Continued)
The low frequency pole is:
And the higher frequency pole is:
In the equation for A
PS, the output resistance, RO,isthe
output voltage divided by output current. DC gain is highest
when output current is lowest. In order to design for the worst
case, R
O should be calculated for the minimum load current.
For this example, no minimum load has been specified, so a
load of 100 mA will be used (R
O =10
Ω).
For this example, the value of DC gain is 24dB. The low
frequency pole f
P =2
πω
P is at 2.7kHz, the ESR zero fZ =
2
πω
Z is at 800 kHz, and the higher frequency pole is at
48kHz. Gain and phase plots for the power stage are shown
in Figure 8.
The low frequency pole and higher frequency pole cause a
roll-off in the gain of -20 dB/decade at lower frequency that
increases to -40 dB/decade at higher frequency. The effect
of the ESR zero is not seen because its frequency is beyond
the switching frequency. If this loop were left uncompen-
sated, the bandwidth would be 39 kHz and the phase margin
58˚. This loop would be stable, but would suffer from poor
regulation of the output voltage due to the low DC gain. In
practice, this loop could change significantly due to the
tolerances in the output inductor, output capacitor, changes
in output current, or input voltage. Therefore, the loop is
compensated using the error amplifier and a few passive
components.
In general the goal of the compensation circuit is to give high
DC gain, a bandwidth that is between one-fifth and one-tenth
of the switching frequency, and at least 45˚ of phase margin.
The majority of both peak current mode and emulated peak
current mode buck regulators can be compensated with just
two components, R
1 and C1, as shown in the Typical Appli-
cation circuit. For power stages where the ESR zero fre-
quency is below one-half of the switching frequency a sec-
ond capacitor, C
2, may be needed to add another pole to the
compensation. For power stages where the ESR zero fre-
quency is beyond the control loop bandwidth, a compromise
in bandwidth is needed to maintain good phase margin. The
20169959
20169960
FIGURE 8. Power Stage Gain and Phase
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com