công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UBA2007TK/N2 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện UBA2007TK/N2
Giải thích chi tiết về linh kiện  Charge switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UBA2007TK/N2 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button UBA2007TK/N2 Datasheet HTML 6Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 7Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 8Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 9Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 10Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 11Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 12Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 13Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
2003 Oct 01
10
Philips Semiconductors
Product specification
Charge switch
UBA2007
10 CHARACTERISTICS
VSS =0V; Tamb = −40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
Charge switch
VCHG
charger input voltage
note 2
−20
−
+20
V
VBAT
battery input voltage
note 3
0
−
6.0
V
IBAT
current through pin BAT
OFF mode; VBAT =5V;
VCHG =0V
−
510
µA
SHUTDOWN after overheat
−
15
30
µA
SHUTDOWN after overvoltage
−−
1mA
SHUTDOWN after
undervoltage
−−
20
µA
SLOW CHARGE mode;
VBAT =5V; VCHG = floating
−
510
µA
REVERSE mode; ICHG =0A;
VBAT > 3.1 V
−
90
150
µA
ICHG
current through pin CHG
OFF mode and SHUTDOWN
mode; VCHG = 2.5 V to 10.5 V;
VBAT = 0 V to 5.7 V
−−
400
µA
OFF mode and SHUTDOWN
mode; VCHG =12Vto20V;
VBAT = 0 V to 5.7 V
−−
5mA
FAST CHARGE mode;
IBAT = 0 A; VCHG = 3.6 V
−−
140
µA
ICHG(det)
minimum charge current
detection
REVMOD = HIGH;
ICHG → BAT; note 4
−
0.1
4
mA
VCHG(det)
minimum charge voltage
detection
REVMOD = LOW; note 3
1.1
2
2.5
V
ICHG(slow)
slow charge current
VCHG >VBAT +1V
VCHG = 2.5 V to 7 V
120
145
180
mA
VCHG = 7 V to 20 V
90
140
190
mA
ICHG(fast)(lim)
current limit of the fast charge
current
CURMOD = HIGH;
SWMOD = LOW;
ICHG(fast) =50mAto2A
−30
−
+10
%
SWMOD = HIGH;
VCHG-BAT > 400 mV;
RRLIMF = 680 Ω; note 5
0.58
0.73
0.88
A
VRLIMF(acc)
absolute accuracy of voltage
sensed on pin RLIMF
ICHG(fast) = 1.25 A;
notes 6 and 7
−10
−
+30
%
VRLIMF(lin)
linearity of voltage sensed on
pin RLIMF
ICHG(fast) = 1.25 A;
notes 6 and 7
−10
−
+10
%
Ilim(rev)
current limit REVERSE mode
note 8
450
700
950
mA
VBAT(rev)
minimum battery voltage for
REVERSE mode activation
including hysteresis
2.7
−
3.1
V
VBAT(rev)(hys)
VBAT(rev) hysteresis
−
200
−
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com