công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UBA2007TK/N2 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện UBA2007TK/N2
Giải thích chi tiết về linh kiện  Charge switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UBA2007TK/N2 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button UBA2007TK/N2 Datasheet HTML 5Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 6Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 7Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 8Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 9Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 10Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 11Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 12Page - Texas Instruments UBA2007TK/N2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
2003 Oct 01
9
Philips Semiconductors
Product specification
Charge switch
UBA2007
8
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. Human Body Model: equivalent to discharging a 100 pF capacitor via a 1.5 k
Ω resistor.
2. Machine model: equivalent to discharging a 200 pF capacitor via a 0
Ω resistor.
3. Contact Discharge (Level 2): equivalent to discharging, through contact, a 150 pF capacitor via a 330
Ω resistor.
4. Air Discharge (Level 3): equivalent to discharging, through the air, a 150 pF capacitor via a 330
Ω resistor.
9
THERMAL CHARACTERISTICS
Notes
1. HVSON10 is mounted to a water-cooled heatsink with the topside of the package. Package is mounted to a 4-layer
printed-circuit board and exposed to still air.
2. For a typical printed-circuit board of a handset the total thermal resistance will be higher. For correct operation up to
85
°C ambient temperature the total thermal resistance must not exceed 100 K/W.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCHG
charger input voltage
−20
+20
V
VBAT, VRLIMF
battery input voltage and
voltage on pin RLIMF
−0.5
+6
V
IBAT(max),
ICHG(max)
maximum current through pins
BAT and CHG
−
2.5
A
VCURMOD,
VSWMOD,
VREVMOD,
VCHGOK_N
voltage on pins CURMOD,
SWMOD, REVMOD and
CHGOK_N
−0.5
+5
V
II
input current at any input
−10
+10
mA
IO
output current at any output
−10
+10
mA
Tamb
ambient temperature
−40
+85
°C
Tstg
storage temperature
−55
+150
°C
Vesd
electrostatic discharge voltage JEDEC standard class 2; all
pins
HBM; note 1
−±2500
V
MM; note 2
−±200
V
IEC 61000-4-2 standard;
pins BAT and CHG
CD (LVL2); note 3
−±4000
V
AD (LVL3); note 4
−±8000
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-c)
thermal resistance from
junction to case
note 1
22(2)
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com