| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPSD3422 bảng dữ liệu(PDF) 191 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422 bảng dữ liệu(HTML) 191 Page - STMicroelectronics |
|
191 / 300 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UPSD3422, UPSD3433, UPSD3434, UPSD3454 PSD module 191/300 28 PSD module The PSD module is stacked with the MCU module to form the UPSD34xx, see Section 3: Hardware description on page 28. Details of the PSD module are shown in Figure 61. The two separate modules interface with each other at the 8032 Address, Data, and Control interface blocks in Figure 61. Figure 61. PSD module block diagram 8032 MCU Module AI10454b PLD INPUT BUS Obsolete Product(s) - Obsolete Product(s) |