| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCM4L bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PCM4L bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp |
|
19 / 38 page ![]() R31DS0087EU0101 Rev.1.01 Page 19 Sep.28.21 pcm4l Datasheet qualificationTimeoutSeconds 900 Timeout value for the qualification timer. Valid values: {0 - 31,536,000} in seconds holdover N/A This group includes the clock holdover settings. Based on these values, the servo decides how to transition the DCO on loss of all PTP references. ▪ enable: Enable/Disable holdover ▪ holdoverType: {Software, Hardware} Select to use Software or Hardware control for holdover ▪ holdoverTimeoutSeconds: {int} How long in seconds to remain “in-spec” and transient to “out-of-spec” ▪ unqualifiedTimeoutSeconds: {int} How long in seconds to remain “out-of- spec” and return to unqualified state ▪ outOfSpecUserDefinedFrequencyOffsetEnable: Enable/disable the use of a user defined FFO when entering out-of-spec. ▪ outOfSpecUserDefinedFrequencyOffsetPpb: {int} Value of FFO in ppb to set the DCO Table 6. Profile Configuration Parameters JSON Identifier Default Description physicalPllClockCategory 5 Specifies the ITU-T G.781 Quality Level (QL) of the physical clock. This value is used to determine the suitability of the physical clock as a valid reference and can be used to determine the IEEE 1588 frequency traceable flag. Used in conjunction with physicalPllClockCategoryThreshold to determine suitability of the physical PLL clock as reference. 1 = Category 1 frequency source (QL-PRC / QL-PRS) 2 = Category 2 frequency source (QL-SSU-A / QL-ST2) 3 = Category 3 frequency source (QL-SSU-B / QL-ST3E) 4 = Category 4 frequency source (QL-EEC1 / QL-EEC2) 5 = Do Not Use (i.e. not to be used as reference). physicalPllClockCategoryThr eshold 1 Specifies the clock category threshold to trigger the restoration of the physical clock as a valid reference. physicalPllInstance 1 This is used to enable/disable combo mode based on the physicalPllClockCategory and physicalPllClockCategoryThreshold that is changed during run-time externally by management API. physicalPllWaitToRestoreTi meoutValue 10 When the traceability is restored (i.e., when the QL moves from a lower level to a higher level and the QL is equal to or higher than a specified threshold), a wait- to-restore mechanism is implemented before restoring the physical layer connection. This parameter sets the restoration delay. Valid values: {0 - 100} In seconds. 0 means no delay. applyPhaseSlopeLimitInLock edStates 0 Configures whether a correction is phase slope limited when in locked state. 0 = Do not apply phase slope limit in locked state. 1 = Apply phase slope limit when in locked state. Table 5. Device Configuration Parameters JSON Identifier Default Description |