| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCM4L bảng dữ liệu(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PCM4L bảng dữ liệu(HTML) 18 Page - Renesas Technology Corp |
|
18 / 38 page ![]() R31DS0087EU0101 Rev.1.01 Page 18 Sep.28.21 pcm4l Datasheet displayStackStatusTimeoutS econds 15 A periodic timer is started when the LOSM enters unqualified state and is stopped when leaving unqualified state. If the timer expires, the following information for each enabled instance is displayed: ▪ Domain ▪ Port state ▪ Address mode ▪ Unicast negotiation enable ▪ Unicast table ▪ Acceptable master enable ▪ Acceptable master table Valid values: A non-negative 32-bit integer (seconds). remoteUdsAddress “/var/run/ptp4l” Identifies the PTP stack UDS address. localUdsAddress “/var/run/pcm4l” Identifies the local UDS address. phc4lConfig N/A See Table 3 deviceConfig N/A See Table 5. profileConfig N/A See Table 6. loggerConfig N/A See Table 7. instanceConfig N/A See Table 11. Table 3. PHC Configuration Parameters JSON Identifier Default Description dcoDevice “/dev/ptp1” Identifies the PHC device node for the main PTP Hardware Clock for clock control (i.e., Renesas timing device). tsDevice “/dev/ptp0” Identifies the PHC device node for the PTP timestamper (OC) or timestampers (BC). phaseSnapDelaySecond 2 This indicates the time to wait for a time adjustment to be reflected at the PHC. syncdConfig N/A See Table 4. Table 4. Syncd Configuration Parameters JSON Identifier Default Description syncdPeriodSecond 1 This is the interval to run the timestamper ToD synchronization. Table 5. Device Configuration Parameters JSON Identifier Default Description oscillatorType “MiniOcxo” The oscillator type specifies the type of oscillator being used for the 1588 application. ▪ “Tcxo”: Temperature compensated XO ▪ “MiniOcxo”: Hybrid oven/temperature compensated XO that meets ITU- G.8263 holdover stability ▪ “Ocxo”: Oven controlled XO that meets G.812 Type I/II/III ▪ “SyncE”: Co-located physical layer assistance (for G.8273.2 clocks) Table 2. Top-Level Configuration Parameters (Cont.) JSON Identifier Default Description |