công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R1500X bảng dữ liệu(PDF) 21 Page - Nisshinbo Micro Devices Inc.

tên linh kiện R1500X
Giải thích chi tiết về linh kiện  500 mA LDO REGULATOR (Operating Voltage up to 24 V)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NISSHINBO [Nisshinbo Micro Devices Inc.]
Trang chủ  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1500X bảng dữ liệu(HTML) 21 Page - Nisshinbo Micro Devices Inc.

Back Button R1500X Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. R1500X Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. R1500X Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. R1500X Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. R1500X Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. R1500X Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. R1500X Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. R1500X Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. R1500X Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
R1500x
NO.EA-151-160701
21
R1500J (TO-252-5-P2) is the discontinued product as of July, 2016.
1500
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
0
25
50
75
100
125
150
Ambient Temperature (°C)
Power Dissipation
105
On Board
(Standard Land Pattern)
On Board
(High Wattage Land Pattern)
Free Air
PACKAGE INFORMATION
Power Dissipation (SOT-89-5)
Power Dissipation (PD) depends on conditions of mounting on board. This specification is based on the
measurement at the condition below:
Measurement Conditions
High Wattage Land Pattern
Standard Land Pattern
Environment
Mounting on Board (Wind velocity=0m/s) Mounting on Board (Wind velocity=0m/s)
Board Material
Glass cloth epoxy plastic (Double sided) Glass cloth epoxy plastic (Double sided)
Board Dimensions
30mm × 30mm × 1.6mm
50mm × 50mm × 1.6mm
Copper Ratio
Top side : Approx. 20% ,
Back side : Approx. 100%
Top side : Approx. 10% ,
Back side : Approx. 100%
Through-hole
φ
0.85mm × 10pcs
-
Measurement Result
(Ta=25°C, Tjmax=125°C)
High Wattage Land Pattern
Standard Land Pattern
Free Air
Power Dissipation
1300mW
900mW
500mW
Thermal Resistance
77°C/W
111°C/W
200°C/W
30
7.5
15
50
High Wattage
Standard
Measurement Board Pattern
IC Mount Area (Unit : mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com