công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74F182 bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện 74F182
Giải thích chi tiết về linh kiện  Look-ahead carry generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F182 bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  74F182 Datasheet HTML 1Page - NXP Semiconductors 74F182 Datasheet HTML 2Page - NXP Semiconductors 74F182 Datasheet HTML 3Page - NXP Semiconductors 74F182 Datasheet HTML 4Page - NXP Semiconductors 74F182 Datasheet HTML 5Page - NXP Semiconductors 74F182 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
74F182
Look-ahead carry generator
2
1991 Apr 15
853–1161 02162
FEATURES
Provides carry look-ahead across a group of four ALUs
Multi-level look-ahead for high speed arithmetic operation over
long word lengths
DESCRIPTION
The 74F182 is a high speed carry look-ahead generator. It accepts
up to four pairs of active-Low Carry Propagate (P0, P1, P2, P3) and
Carry Generate (G0, G1, G2, G3) signals and an active-High Carry
input (Cn) and provides anticipated active-High carries (Cn+x, Cn+y,
Cn+z) across four groups of binary adders. The 74F182 also has
active-Low Carry Propagate (P) Carry Generate (G) outputs which
may be used for further levels of look-ahead.
The logic equations provided at the outputs are:
Cn+x = G0+P0Cn
Cn+y = G1+P1G0+P1P0Cn
Cn+z = G2+P2G1+P2P1G0+P2P1P0Cn
G = G3+P3G2+P3P2G1+P3P2P1G0
P = P3P2P1P0
The 74F182 can also be used with binary ALUs in an active-Low or
active-High input operand mode. The connections to and from the
ALU to the carry look-ahead generator are identical in both cases.
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
P
VCC
Cn+x
Cn+y
G
Cn
P2
G2
G1
P1
P3
G0
P0
G3
9
8
GND
Cn+z
SF00725
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F182
5.0ns
21mA
ORDERING INFORMATION
DESCRIPTION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
16-pin plastic DIP
N74F182N
16-pin plastic SO
N74F182D
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74FAST (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
Cn
Carry input
2.5/2.0
50
µA/1.2mA
G0, G2
Carry generate inputs (active-Low)
2.5/14.0
50
µA/8.4mA
G1
Carry generate input (active-Low)
2.5/16.0
50
µA/9.6mA
G3
Carry generate input (active-Low)
2.5/8.0
50
µA/4.8mA
P0, P1
Carry propagate inputs (active-Low)
2.5/8.0
50
µA/4.8mA
P2
Carry propagate input (active-Low)
2.5/6.0
50
µA/3.6mA
P3
Carry propagate input (active-Low)
2.5/4.0
50
µA/2.4mA
Cn+x–Cn+z
Carry outputs
50/33
1.0mA/20mA
G
Carry generate output (active-Low)
50/33
1.0mA/20mA
P
Carry propagate output (active-Low)
50/33
1.0mA/20mA
NOTE:
One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.


Số phần tương tự - 74F182

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
74F182 NSC-74F182 Datasheet
164Kb / 8P
Carry Lookahead Generator
logo
Fairchild Semiconductor
74F182 FAIRCHILD-74F182 Datasheet
57Kb / 8P
Carry Lookahead Generator
logo
National Semiconductor ...
74F182PC NSC-74F182PC Datasheet
164Kb / 8P
Carry Lookahead Generator
logo
Fairchild Semiconductor
74F182PC FAIRCHILD-74F182PC Datasheet
57Kb / 8P
Carry Lookahead Generator
logo
National Semiconductor ...
74F182SJ NSC-74F182SJ Datasheet
164Kb / 8P
Carry Lookahead Generator
More results

Mô tả tương tự - 74F182

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74HC182 PHILIPS-74HC182 Datasheet
68Kb / 9P
Look-ahead carry generator
December 1990
logo
STMicroelectronics
HCC40182B STMICROELECTRONICS-HCC40182B Datasheet
282Kb / 12P
LOOK-AHEAD CARRY GENERATOR
Jun-1989
M54HC182 STMICROELECTRONICS-M54HC182 Datasheet
260Kb / 12P
FUNCTION LOOK AHEAD CARRY GENERATOR
Mar-1993
logo
Fairchild Semiconductor
DM74S182 FAIRCHILD-DM74S182 Datasheet
53Kb / 5P
Look-Ahead Carry Generator
logo
Hitachi Semiconductor
HD74HC182 HITACHI-HD74HC182 Datasheet
56Kb / 9P
Look-Ahead Carry Generator
logo
Intersil Corporation
CD40182BMS INTERSIL-CD40182BMS Datasheet
140Kb / 9P
CMOS Look-Ahead Carry Generator
December 1992
logo
NXP Semiconductors
100179 PHILIPS-100179 Datasheet
328Kb / 7P
Carry Look-Ahead Generator
June 14 1990
logo
Motorola, Inc
MC145828B MOTOROLA-MC145828B Datasheet
106Kb / 6P
LOOK-AHEAD CARRY BLOCK
logo
Renesas Technology Corp
HD74HC182 RENESAS-HD74HC182 Datasheet
166Kb / 10P
Look-Ahead Carry Generator
logo
National Semiconductor ...
DM74AS282 NSC-DM74AS282 Datasheet
316Kb / 5P
Look-Ahead Carry Generator With Selectable Carry Inputs
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com