công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74F182 bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện 74F182
Giải thích chi tiết về linh kiện  Look-ahead carry generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F182 bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  74F182 Datasheet HTML 1Page - NXP Semiconductors 74F182 Datasheet HTML 2Page - NXP Semiconductors 74F182 Datasheet HTML 3Page - NXP Semiconductors 74F182 Datasheet HTML 4Page - NXP Semiconductors 74F182 Datasheet HTML 5Page - NXP Semiconductors 74F182 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors
Product specification
74F182
Look-ahead carry generator
1991 Apr 15
6
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VOH
High-level output voltage
VCC = MIN, VIL = MAX,
VIH = MIN
IOH = MAX
±10%V
CC
2.5
V
VOH
High-level output voltage
VCC = MIN, VIL = MAX,
VIH = MIN
IOH = MAX
±5%V
CC
2.7
3.4
V
VOL
Low-level output voltage
VCC = MIN, VIL = MAX,
VIH = MIN
IOL = MAX
±10%V
CC
0.30
0.50
V
VOL
Low-level output voltage
VCC = MIN, VIL = MAX,
VIH = MIN
IOL = MAX
±5%V
CC
0.30
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
250
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
250
µA
IIL
Low-level input current
Cn
VCC = MAX, VI = 0.5V
–1.2
mA
IIL
Low-level input current
G0, G2
VCC = MAX, VI = 0.5V
–8.4
mA
IIL
Low-level input current
G1
VCC = MAX, VI = 0.5V
–9.6
mA
IIL
Low-level input current
G3, P0, P1
VCC = MAX, VI = 0.5V
–4.8
mA
P2
–3.6
mA
P3
–2.4
mA
IOS
Short-circuit output current3
VCC = MAX
–60
–150
mA
ICC
Supply current (total)
ICCH
VCC = MAX
18
28
mA
ICC
Supply current (total)
ICCL
VCC = MAX
24
36
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST
CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
Tamb = +25°C
CL = 50pF
RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF
RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Cn to Cn+x, Cn+y, Cn+z
Waveform 2
2.5
2.5
5.0
5.0
8.0
7.5
2.5
2.5
8.5
8.5
ns
tPLH
tPHL
Propagation delay
P0, P1, or P2 to Cn+x, Cn+y, Cn+z
Waveform 1
2.0
1.5
5.0
3.5
7.0
5.0
1.5
1.5
8.0
6.0
ns
tPLH
tPHL
Propagation delay
G0, G1, or G2 to Cn+x, Cn+y, Cn+z
Waveform 1
1.5
1.5
4.0
3.0
7.5
5.0
1.5
1.5
8.5
5.5
ns
tPLH
tPHL
Propagation delay
P1, P2, or P3 to G
Waveform 2
2.0
3.0
7.0
5.0
10.0
7.0
1.5
2.5
11.0
8.0
ns
tPLH
tPHL
Propagation delay
Gn to G
Waveform 2
1.5
3.0
5.0
5.0
7.0
7.0
1.5
2.5
7.5
8.0
ns
tPLH
tPHL
Propagation delay
Pn to P
Waveform 2
1.5
2.5
3.5
4.0
6.0
6.0
1.5
2.5
7.5
6.5
ns



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com