công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE7232G bảng dữ liệu(PDF) 19 Page - Infineon Technologies AG

tên linh kiện TLE7232G
Giải thích chi tiết về linh kiện  SPI Driver for Enhanced Relay Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232G bảng dữ liệu(HTML) 19 Page - Infineon Technologies AG

Back Button TLE7232G Datasheet HTML 15Page - Infineon Technologies AG TLE7232G Datasheet HTML 16Page - Infineon Technologies AG TLE7232G Datasheet HTML 17Page - Infineon Technologies AG TLE7232G Datasheet HTML 18Page - Infineon Technologies AG TLE7232G Datasheet HTML 19Page - Infineon Technologies AG TLE7232G Datasheet HTML 20Page - Infineon Technologies AG TLE7232G Datasheet HTML 21Page - Infineon Technologies AG TLE7232G Datasheet HTML 22Page - Infineon Technologies AG TLE7232G Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7232G
Protection Functions
Data Sheet
19
V1.0, 2005-09-30
Figure 8
Over Load Behavior
4.2.2
Over Temperature Protection
A temperature sensor for each channel causes an overheated channel n to switch off
immediately to prevent destruction. The behavior in case of over temperature can be
configured as follows:
a) After cooling down, the channel is switched on again with thermal hysteresis
∆Tj.
b) The affected channel stays switched off until the over temperature flag is cleared.
The over temperature flag of the affected channel is cleared by a low-high transition of
the input signal.
4.2.3
Reverse Polarity Protection
In case of reverse polarity, the intrinsic body diode of the power transistor causes power
dissipation. The reverse current through the intrinsic body diode has to be limited by the
connected load. The
V
dd supply pin must be protected against reverse polarity externally.
The over-temperature protection as well as other protective functions are not active
during reverse polarity.
OverLoadTiming .emf
IN
I
D
t
t
td(fault)
L = 1
b
L = 0
b
I
D(lim)
IN
I
D
t
t
td(off)
L = 1
b
L = 0
b
I
D(lim)
OLCR.OVL = 0
OLCR.OVL = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com