| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE7232G bảng dữ liệu(PDF) 8 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7232G bảng dữ liệu(HTML) 8 Page - Infineon Technologies AG |
|
8 / 36 page ![]() SPI Driver for Enhanced Relay Control SPIDER - TLE 7232G Pin Configuration Data Sheet 8 V1.0, 2005-09-30 4 OUT3 O Drain of power transistor channel 3 9 OUT4 O Drain of power transistor channel 4 10 OUT5 O Drain of power transistor channel 5 15 OUT6 O Drain of power transistor channel 6 16 OUT7 O Drain of power transistor channel 7 Inputs 24 RST I Reset input pin (active low) 2 IN I Input multiplexer input pin SPI 1 CS I SPI Chip select (active low) 13 SCLK I Serial clock 14 SI I Serial data in 12 SO O Serial data out Pin Symbol I/O Function |