công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC55S69JBD64 bảng dữ liệu(PDF) 89 Page - NXP Semiconductors

tên linh kiện LPC55S69JBD64
Giải thích chi tiết về linh kiện  32-bit Arm Cortex®-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator,...
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S69JBD64 bảng dữ liệu(HTML) 89 Page - NXP Semiconductors

Back Button LPC55S69JBD64 Datasheet HTML 85Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 86Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 87Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 88Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 89Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 90Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 91Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 92Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 140 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2022. All rights reserved.
Product data sheet
Rev. 2.4 — 8 December 2022
89 of 138
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
11.4 Wake-up process
[1] Typical ratings are not guaranteed. The values listed are at room temperature (25 C), nominal supply
voltages.
[2] The wake-up time measured is the time between when a GPIO input pin is triggered to wake the device up
from the low power modes and from when a GPIO output pin is set in the interrupt service routine (ISR)
wake-up handler.
[3] FRO enabled, all peripherals off.
[4] RTC disabled. Wake-up from deep power-down causes the part to go through entire reset
process. The wake-up time measured is the time between when the RESET pin is triggered to wake the
device up and when a GPIO output pin is set in the reset handler. Wake-up time for non-secure mode.
[5] Compiler settings: IAR v8.40, High optimization
[6] Applies to device revision 1B.
[7] Applies to device revision 0A.
11.5 FRO (12 MHz/96 MHz)
[1] Typical ratings are not guaranteed. The values listed are at room temperature (25 C), nominal supply
voltages.
Table 28. Dynamic characteristic: Typical wake-up times from low power modes
VBAT_PMU = VBAT_DCDC = VDD = 3.3 V;Tamb = 25 C; using FRO as the system clock.
Symbol Parameter Conditions
Min
Typ[1][5]
Max Unit
twake
wake-up
time
from Sleep mode, 12 MHz, No
PRIMASK backup and restore
[2][3]
4.0
s
from Sleep mode, 96 MHz, No
PRIMASK backup and restore
[2][3]
500
ns
from Deep-sleep mode with full
SRAM retention:
[2]
64
s
from Power-down mode with CPU
retention and 4 KB retained
[2]
346
s
from deep power-down mode; 4KB
retained, RTC disabled; using
RESET pin.
[4][6]
4.6
ms
from deep power-down mode; 4KB
retained, RTC disabled; using
RESET pin.
[4][7]
17
ms
Table 29. Dynamic characteristic: FRO
Tamb = 40 C to +105 C; 1.8 V  VBAT_DCDC  3.6 V.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
fosc(RC)
FRO clock frequency -
11.76
12
12.24
MHz
fosc(RC)
FRO clock frequency -
94.08
96
97.92
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com