công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATECC608A bảng dữ liệu(PDF) 70 Page - Microchip Technology

tên linh kiện ATECC608A
Giải thích chi tiết về linh kiện  ATECC608A for LoRaWAN™ Data Sheet
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608A bảng dữ liệu(HTML) 70 Page - Microchip Technology

Back Button ATECC608A Datasheet HTML 66Page - Microchip Technology ATECC608A Datasheet HTML 67Page - Microchip Technology ATECC608A Datasheet HTML 68Page - Microchip Technology ATECC608A Datasheet HTML 69Page - Microchip Technology ATECC608A Datasheet HTML 70Page - Microchip Technology ATECC608A Datasheet HTML 71Page - Microchip Technology ATECC608A Datasheet HTML 72Page - Microchip Technology ATECC608A Datasheet HTML 73Page - Microchip Technology ATECC608A Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 81 page
background image
9.2
8-pad UDFN
B
A
0.10 C
0.10 C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
1
2
N
2X
TOP VIEW
SIDE VIEW
NOTE 1
1 2
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Microchip Technology Drawing C04-21355-Q4B Rev B Sheet 1 of 2
2X
8X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
8-Lead Ultra Thin Plastic Dual Flat, No Lead Package (Q4B) - 2x3 mm Body [UDFN]
Atmel Legacy Global Package Code YNZ
© 2017 Microchip Technology Inc.
D
E
D2
E2
K
L
8X b
e
e
2
0.10
C A B
0.05
C
A
(A3)
A1
BOTTOM VIEW
ATECC608A-TNGLoRaWAN
Package Drawings
© 2020 Microchip Technology Inc.
Complete Datasheet
DS40002154B-page 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81