| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74ALVT16374 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74ALVT16374 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors |
|
4 / 12 page ![]() Philips Semiconductors Product specification 74ALVT16374 2.5V/3.3V 16-bit edge-triggered D-type flip-flop (3-State) 1999 Oct 18 4 FUNCTION TABLE INPUTS INTERNAL OUTPUTS OPERATING MODE nOE nCP nDx REGISTER nQ0 - nQ7 OPERATING MODE L L ↑ ↑ l h L H L H Load and read register L ↑ X NC NC Hold H H ↑ ↑ X nDx NC nDx Z Z Disable outputs H = High voltage level h = High voltage level one set-up time prior to the High-to-Low E transition L = Low voltage level l = Low voltage level one set-up time prior to the High-to-Low E transition NC= No change X = Don’t care Z = High impedance “off” state ↑ = Low-to-High clock transition ↑ = Not a Low-to-High clock transition LOGIC DIAGRAM CP Q D nD0 nQ0 CP Q D nD1 CP Q D nD2 CP Q D nD3 CP Q D nD4 CP Q D nD5 CP Q D nD6 CP Q D nD7 nQ1 nQ2 nQ3 nQ4 nQ5 nQ6 nQ7 nCP nOE SW00019 |