công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

102SHS100JS6LE bảng dữ liệu(PDF) 14 Page - Exxelia Group

tên linh kiện 102SHS100JS6LE
Giải thích chi tiết về linh kiện  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXXELIA [Exxelia Group]
Trang chủ  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHS100JS6LE bảng dữ liệu(HTML) 14 Page - Exxelia Group

Back Button 102SHS100JS6LE Datasheet HTML 10Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 11Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 12Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 13Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 14Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 15Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 16Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 17Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 18Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
CERAMIC CAPACITORS
130
www.exxelia.com
info@exxelia.com
Taping : dimensions
Page revised 06/20
POWER CAPACITOR ENDURANCE TESTING
ULTRA-LOW ESR, HIGH RF POWER
I. FOREWORDS
I.1. Concept
Figure 1 shows the general concept. The setup contains a direct digital synthesizer
(DDS) that generates an RF signal with a variable frequency. Its signal is amplified by a
driver stage followed by a power amplifier stage. The gain of the PA stage is controlled
by varying its supply voltage. For that purpose a variable power supply is provided. The
directional coupler measures the forward and the reflected power. The latter is a value
that describes the quality of the matching condition. The role of the matching network is
to match the capacitor to a 50W load. The capacitor under test is mounted on a separate
printed circuit board and is encapsulated by a small cabinet. This cabinet isolates the
capacitor from the ambient temperature. A temperature sensor is integrated into the
cabinet to measure the capacitors temperature.
DSC
Oscillator
20-100MHz
Variable
Power
Supply
RF
Driver
Resistive
load
RF-PA
Match
Match Controler
Micro Controler
LC Display
RS-232
Capacitor
under
test
Temp.
Sensor
Temp. Controler
Directional
Coupler
Figure 1
With a microcontroller, there are two control loops realized. The temperature of the
capacitor is measured at the beginning of the 5 seconds off time with a temperature
sensor. The sensor’s signal is used to control the variable power supply which
influences the power amplifiers gain and as a consequence, the output power or the
current through the capacitor under test.
The ground plane improves the heat spread between the capacitors. This is further
supported by a copper bar that is directly pressed on the ground plane of the PC board.
On the front side of the copper bar, a NTC is mounted. Tests have shown that this heat
coupling is very critical for the overall performance. The NTC is screwed directly and by
that the heat coupling is both tight and reliable.
Capacitors under test (x9)
Ground plane
PC board
PC board
Copper bar
PTFE insulation
with vias
NTC
Figure 2
I.2. Test Cycle
The complete test cycle is shown in figure 3. The test starts with a tuning procedure
at low power. As soon as the matching condition is achieved the RF power is set to the
value that is necessary to heat the capacitors. During the ON time, the frequency is
continuously adjusted to minimize the reflected power. After 5 seconds ON, the RF is
switched off for the next 5 seconds. Then the RF is switched on again. Because the
capacitors have cooled down during the OFF time, the test generator needs to re-tune.
The re-tune procedure takes 500ms. After that, the RF is ON for the next 5 seconds. That
way a complete cycle takes 10 seconds.
Pforwarded
Preflected
5 sec.
Retuning
Tuning
at
Start
5 sec.
5 sec.
5 sec.
Retuning
Figure 3
The following conditions have been used:
• HiQ multilayer ceramic capacitors operated at 27MHz;
• 2 complete test sets are done, one for B size (1111) and another for X size
(2225);
• a complete test set represents 1 million cycles (4 months of continuous RF
power).
I.3. Data Acquisition
The test generator measures continuously: the frequency, the forward power, the
reflected power and the three temperatures. The test generator stores these values
always at the end of the 5 seconds ON time. The remote computer gathers the data at
least once each cycle and writes these records to a log file. Each file collects the record
of one day and is automatically sent by email once a day.
II. RESULTS
All the tests have been performed by an external independent company named Barthel
HF Technik located in Aachen, Germany.
II.1. HiQ Capacitors – B Size (1111) – Solderable Nickel Barrier
The CHB series RF/Microwave capacitors offer both extended operating temperatures
up to 175°C and extended voltages up to 1500 VDC. These components are based on
our well-known P100 HiQ dielectric, a low loss material, which is ESA and MIL qualified
- ITAR free.
On May the 9th 2011, the test set was completed without any problem to report.
!
II.2. HiQ Capacitors – X Size (2225) – Non Magnetic Solderable Barrier
The CLX series High RF Current/Voltage capacitors offer both ultra stability over
temperature and extended voltages up to 3 600 VDC. These components are based
on our well-known NP0 HiQ dielectric, a low loss and ultra stable material, which is
MRcertified® and MIL qualified - ITAR free.
General Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com