công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

102SHS100JS6LE bảng dữ liệu(PDF) 4 Page - Exxelia Group

tên linh kiện 102SHS100JS6LE
Giải thích chi tiết về linh kiện  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXXELIA [Exxelia Group]
Trang chủ  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHS100JS6LE bảng dữ liệu(HTML) 4 Page - Exxelia Group

  102SHS100JS6LE Datasheet HTML 1Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 2Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 3Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 4Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 5Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 6Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 7Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 8Page - Exxelia Group 102SHS100JS6LE Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
CERAMIC CAPACITORS
120
www.exxelia.com
info@exxelia.com
Taping : dimensions
Page revised 06/20
CAPACITOR TERMINATIONS AND SOLDERING
RECOMMENDATIONS
I. TERMINATION TYPES
Our capacitors are delivered with one of the following terminations (for
technical reasons, only a limited number of termination types are available in
certain cases). All our terminations are backward compatible.
NB:
• terminations type C recommended for non magnetic applications.
• termination type A available for non magnetic applications (for historical
reason, we have also another code, the code “P”, for the same type of
termination. The parts that were designed-in before 2005 might still have
a code “P” instead of “A” in the part numbering. But both codes correspond
to the same type of termination).
II. SPECIFICATIONS
Care must be taken when using particular terminations: if the terminations are
heated up above a particular temperature and/or for too long a period of time,
there is a risk of leaching (dissolution of the termination revealing the inner
electrodes).
The chart below gives the resistance to soldering heat per termination type,
based on a SAC387 solder bath at 260°C.
Dielectric Type
A
C
S
CHA / SHA
10 ±1s (3)
120 ±5s
CHB / SHB
30 ±2s
120 ±5s
CPX / CLX / CPE / CLE
30 ±2s
120 ±5s
CLF
10 ±2s (1)
On request
120 ±5s
SHL
120 ±5s
SHS
10 ±1s (4)
120 ±5s
SHF / SHN / SHT
5 ±1s (2)
120 ±5s
(1): results extrapolated from 30±2s data obtained with Sn62/Pb36/Ag2 solder bath.
(2): data obtained with Sn62/Pb36/Ag2 solder bath.
(3): termination only available on CHA series.
(4): preliminary data.
III. STANDARD SMD REQUIREMENTS
III.1. Soldering Recommendations
Regarding the soldering attachments, three methods are generally used: the
vapor phase soldering, the infrared reflow soldering and the wave soldering.
Unless particular skill about the use of the wave soldering, this method is not
recommended since the melted solder is directly in contact with the ceramic.
This can potentially crack the capacitor because the ceramic is sensible to the
thermal shocks. Moreover, this method needs to maintain the components
with an insulating resin which increases the thermo-mechanical strains
between the ceramic and the board both on soldering phase and operating
condition. The vapor phase and IR reflow soldering are less aggressive,
inducing more restricted thermal shocks. This is the reason why they are
preferred to the wave soldering method for reliable applications. In all cases,
proper pre-heating is essential.
The circuit should be pre-heated at a typical rate of 1°C/s within 65°C to 100°C of
the maximum soldering temperature. While multilayer ceramic capacitors can
withstand the peak soldering temperatures for short durations, they should be
minimized whenever possible.
Above precaution given for SMD types are applicable for the implementation
of large bare chips (1515 and above). But in general, large bare chips above
2225 are not recommended to be mounted on epoxy printed board due to the
thermal expansion mismatch between ceramic capacitor body and epoxy. This
is the reason why leaded components will be preferred especially for reliable
applications.
For information, the typical thermal profiles of these three soldering processes
are given hereafter. These typical diagrams are only given as an aid to SMD
users in determining specific processes linked to their instrumentations and
to their own experience.
NB: reference documents are IEC 61760-1, CECC30000 and IEC68 standards.
Please, refer to this standard for more information.
III.1.1. Vapour Phase Soldering
0°C
0s
20s 40s 60s 80s 100s 120s 140s 160s 180s 200s 220s 240s
250°C
230°C
20s ... 40s
ca. 60s ... 130s
>217°C
217°C
Ramp down
rate <6K/s
Ramp up
rate <3K/s
200°C
150°C
100°C
50°C
Lead free SnAgCu solders - Vapour Phase
0°C
0s
20s 40s 60s 80s 100s 120s 140s 160s 180s 200s 220s 240s
250°C
210°C
20s ... 40s
ca. 60s ... 150s
<180°C
180°C
Ramp down
rate <6K/s
Ramp up
rate <3K/s
200°C
150°C
100°C
50°C
SnPb solders – Infrared Soldering
NB: the lines indicate the upper and lower limits of typical process (terminal
temperature).
Parameter
Value
Comment
Termination
Materials
A
C
S
non-magnetic (silver-palladium)
non-magnetic (pure tin over copper barrier)
lead-free (pure tin over nickel barrier)
General Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com