công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HV2803/AHA bảng dữ liệu(PDF) 17 Page - Microchip Technology

tên linh kiện HV2803/AHA
Giải thích chi tiết về linh kiện  No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2803/AHA bảng dữ liệu(HTML) 17 Page - Microchip Technology

Back Button HV2803/AHA Datasheet HTML 13Page - Microchip Technology HV2803/AHA Datasheet HTML 14Page - Microchip Technology HV2803/AHA Datasheet HTML 15Page - Microchip Technology HV2803/AHA Datasheet HTML 16Page - Microchip Technology HV2803/AHA Datasheet HTML 17Page - Microchip Technology HV2803/AHA Datasheet HTML 18Page - Microchip Technology HV2803/AHA Datasheet HTML 19Page - Microchip Technology HV2803/AHA Datasheet HTML 20Page - Microchip Technology HV2803/AHA Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
 2017-2019 Microchip Technology Inc.
DS20005721C-page 17
HV2803/HV2903/HV2904
5.2
Individual Switching Mode and
Bank Switching Mode
The HV2803/HV2903/HV2904 devices have two logic
circuitries that support two Switching modes deter-
mined by the MODE pin logic input. One mode is the
Individual Switching mode and the other mode is the
Bank Switching mode. When the MODE pin is high, the
devices operate in the Individual Switching mode and
can control 32-channel SPST switches individually
through a digital serial interface. When the MODE pin
is low, the devices operate in the Bank Switching mode,
which works as a 16PDT switch for probe selection.
Table 5-1 shows the functional difference of the logic
pins in the two modes. When the MODE input is
changed from low to high, all the shift registers are
reset to zero.
TABLE 5-1:
LOGIC PINS AT INDIVIDUAL SWITCHING VS. BANK SWITCHING
Pin Name
Individual Switching Mode (MODE = H)
Bank Switching Mode (MODE = L)
Function
Description
Function
Description
STBY
STBY
L = Standby mode (default)
H = Normal operation
STBY
L = Standby mode (default)
H = Normal operation
DIN/AB
DIN
Data in logic input
A/B
Logic input to select on bank
H = Even SWs on and Odd SWs off
L = Even SWs off and Odd SWs on
LE/EN
LE
Latch enable logic input
EN
Logic input for enable/disable bank switching
H = Enable
L = Disable (all SWs off)
CLR
CLR
Latch clear logic input
GND
Should connect to GND
CLK
CLK
Clock logic input for shift register
GND
Should connect to GND
DOUT
DOUT
Data out logic output
high-Z
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com