| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HV2803/AHA bảng dữ liệu(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HV2803/AHA bảng dữ liệu(HTML) 7 Page - Microchip Technology |
|
7 / 32 page ![]() 2017-2019 Microchip Technology Inc. DS20005721C-page 7 HV2803/HV2903/HV2904 TABLE 1-1: TRUTH TABLE(1,2,3,4,5,6) STBY MODE D0 D1 ... D15 D16 ... D31 DIN/AB LE/EN CLR SW0 SW1 ... SW15 SW16 ... SW31 HH L — ... —— ... —X L L OFF — ... —— ... — HH H — — — — X L L ON — — — — HH — L — — — X L L — OFF — — — HH — H — — — X L L — ON — — — HH — — — — — X L L — — — — — HH — — — — — X L L — — — — — HH — — L — — X L L — — OFF — — HH — — H — — X L L — — ON — — HH — — — L — X L L — — — OFF — HH — — — H — X L L — — — ON — HH — — — — — X L L — — — — — HH — — — — — X L L — — — — — HH — — — — L X L L — — — — OFF HH — — — — H X L L — — — — ON H H X X X X X X X X H L HOLD PREVIOUS STATE H H X X X X X X X X X H ALL SWITCHES OFF H L X X X X X X X L H X EVEN SWITCHES OFF & ODD SWITCHES ON H L X X X X X X X H H X EVEN SWITCHES ON & ODD SWITCHES OFF H L X X X X X X X X L X ALL SWITCHES OFF L X X X X X X X X X X X ALL SWITCHES OFF, STANBY STATE Legend: X = Don’t care; L = Low; H = High. Note 1: The 32 switches operate independently (when MODE = H). 2: Serial data are clocked in on the L to H transition of the CLK (when MODE = H). 3: All 32 switches go to a state retaining their latched condition at the rising edge of LE/EN. When LE/EN is low, the shift registers’ data flow through the latch (when MODE = H). 4: DOUT is high when data in Register 31 are high (when MODE = H). 5: Shift register clocking has no effect on the switch states if LE/EN is high (when MODE = H). 6: The CLR (clear) input overrides all the inputs (when MODE = H). |