| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT83SL216 bảng dữ liệu(PDF) 9 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT83SL216 bảng dữ liệu(HTML) 9 Page - Exar Corporation |
|
9 / 41 page ![]() xr PRELIMINARY XRT83SL216 REV. P1.0.3 16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT 7 RTIP15 RTIP14 RTIP13 RTIP12 RTIP11 RTIP10 RTIP9 RTIP8 RTIP7 RTIP6 RTIP5 RTIP4 RTIP3 RTIP2 RTIP1 RTIP0 B17 D17 F17 H17 K17 M17 P17 T17 T1 P1 M1 K1 H1 F1 D1 B1 I Receive Differential Tip Input RTIP is the positive differential input from the line interface. Along with the RRING signal, these pins should be coupled to a 2:1 transformer for proper operation. RRING15 RRING14 RRING13 RRING12 RRING11 RRING10 RRING9 RRING8 RRING7 RRING6 RRING5 RRING4 RRING3 RRING2 RRING1 RRING0 C17 E17 G17 J17 L17 N17 R17 T16 T2 R1 N1 L1 J1 G1 E1 C1 I Receive Differential Ring Input RRING is the negative differential input from the line interface. Along with the RTIP signal, these pins should be coupled to a 2:1 transformer for proper oper- ation. RECEIVER SECTION NAME PIN TYPE DESCRIPTION |